Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6655MEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6655MEE
Description  Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6655MEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6655MEE Datasheet HTML 1Page - Maxim Integrated Products MAX6655MEE Datasheet HTML 2Page - Maxim Integrated Products MAX6655MEE Datasheet HTML 3Page - Maxim Integrated Products MAX6655MEE Datasheet HTML 4Page - Maxim Integrated Products MAX6655MEE Datasheet HTML 5Page - Maxim Integrated Products MAX6655MEE Datasheet HTML 6Page - Maxim Integrated Products MAX6655MEE Datasheet HTML 7Page - Maxim Integrated Products MAX6655MEE Datasheet HTML 8Page - Maxim Integrated Products MAX6655MEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Dual Remote/Local Temperature Sensors and
Four-Channel Voltage Monitors
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
20
10
0
-10
-20
1
10
100
REMOTE TEMPERATURE ERROR
vs. PC BOARD RESISTANCE
LEAKAGE RESISTANCE (MΩ)
PATH = DXP TO GND
PATH = DXP TO VCC (5V)
-5
-2
-3
-4
-1
0
1
2
3
4
5
-55
-5
45
95
REMOTE TEMPERATURE ERROR
vs. REMOTE-DIODE TEMPERATURE
TEMPERATURE (°C)
RANDOM SAMPLE
2N3906
20
15
10
5
0
020
10
30
40
50
TEMPERATURE ERROR
vs. POWER-SUPPLY NOISE FREQUENCY
FREQUENCY (MHz)
VIN = SQUARE WAVE
APPLIED TO VCC WITH
NO VCC BYPASS CAPACITOR
VIN = 250mVp-p
REMOTE DIODE
0
2
4
6
8
10
12
14
0
1020304050
REMOTE TEMPERATURE ERROR
vs. COMMON-MODE NOISE FREQUENCY
FREQUENCY (MHz)
VIN = 200mVp-p
VIN = 100mVp-p
VIN = SQUARE WAVE
AC-COUPLED TO DXN
0
2
4
6
8
10
12
14
0
50
100
150
200
REMOTE TEMPERATURE ERROR
vs. DXP-DXN CAPACITANCE
DXP-DXN CAPACITANCE (nF)
VCC = +5V
0
15
10
5
20
25
30
35
40
45
50
1
10
100
1000
STANDBY SUPPLY CURRENT
vs. CLOCK FREQUENCY
SMBCLK FREQUENCY (kHz)
SMBCLK IS DRIVEN
RAIL-TO-RAIL
0
20
40
60
80
100
120
140
012345
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
ADD0, ADD1 = GND
ADD0, ADD1 = HIGH-Z
0
40
20
80
60
120
100
-1
1
2
0
345
RESPONSE TO THERMAL SHOCK
TIME (s)
REMOTE DIODE IMMERSED
IN +115°C FLUORINERT BATH
0
4
2
8
6
12
10
040
60
20
80
100
120
VOLTAGE ACCURACY
vs. TEMPERATURE
TEMPERATURE (°C)
VIN1
VCC
VIN2
VIN3
INPUT VOLTAGES ARE NOMINAL


Similar Part No. - MAX6655MEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6655MEE MAXIM-MAX6655MEE Datasheet
255Kb / 18P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 0; 7/01
MAX6655MEE MAXIM-MAX6655MEE Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
More results

Similar Description - MAX6655MEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
MAX6655 MAXIM-MAX6655 Datasheet
255Kb / 18P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 0; 7/01
MAX1668 MAXIM-MAX1668_03 Datasheet
514Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
MAX1668 MAXIM-MAX1668 Datasheet
285Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
Intersil Corporation
X80120 INTERSIL-X80120 Datasheet
318Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com