Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4836EUT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4836EUT
Description  500mA LDO Linear Regulators with Current-Limiting Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4836EUT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4836EUT Datasheet HTML 3Page - Maxim Integrated Products MAX4836EUT Datasheet HTML 4Page - Maxim Integrated Products MAX4836EUT Datasheet HTML 5Page - Maxim Integrated Products MAX4836EUT Datasheet HTML 6Page - Maxim Integrated Products MAX4836EUT Datasheet HTML 7Page - Maxim Integrated Products MAX4836EUT Datasheet HTML 8Page - Maxim Integrated Products MAX4836EUT Datasheet HTML 9Page - Maxim Integrated Products MAX4836EUT Datasheet HTML 10Page - Maxim Integrated Products MAX4836EUT Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Detailed Description
The MAX4836/MAX4837 are ultra-low quiescent current,
low-dropout linear regulators with an integrated current
limiter. These devices guarantee up to 500mA drive
capabilities and regulate the preset output voltage.
The MAX4836 has a flag output that asserts low when
the load current exceeds the current limit for more than
the blanking time (tBLANK). The MAX4837 has a reset
output that asserts low when the regulator output volt-
age is below the reset threshold voltage (VRESET).
VRESET is 87.5% of the nominal output voltage. Figure 1
shows the simplified functional diagram and Figure 2
shows the typical application circuits.
FLAG Output (MAX4836)
The open-drain FLAG output goes low and the LDO’s
pass transistor is latched off when the current in the
pass transistor is at its output current limit for more than
the blanking time (tBLANK). Cycling IN or SHDN (high to
low to high) brings the device out of its latched-off state
and back into normal operation.
RESET Output (MAX4837)
The RESET output asserts when one of the following
conditions occurs:
The input voltage (VIN) is below the input undervolt-
age lockout threshold (VUVLO).
The output voltage (VOUT) is below the reset thresh-
old (VRESET).
SHDN is pulled low.
The device is in thermal shutdown.
When VOUT > VIN.
RESET remains low for the reset timeout period (tRESET)
after reset conditions are terminated. There are four
RESET timeout periods available as shown in the
Electrical Characteristics table. RESET is available in a
push-pull configuration as shown in the Selector Guide.
Shutdown
Pull SHDN low to shut down the LDO and reduce the
quiescent current consumption of the device from 90µA
to 0.1µA. In shutdown mode, the pass transistor, con-
trol circuit, and reference circuit are turned off. Connect
SHDN to a supply voltage greater than VIH to turn on
the LDO.
500mA LDO Linear Regulators with
Current-Limiting Switch
_______________________________________________________________________________________
7
Pin Description
PIN
SOT23
TDFN
NAME
FUNCTION
11
IN
Regulator Power Input. Bypass IN to GND with a 0.1µF ceramic capacitor. Install the bypass
capacitor as close to the device as possible.
2
2
GND
Ground
33
SHDN
Active-Low Shutdown Input. Drive SHDN low to shutdown the regulator. Drive SHDN high or
connect to IN for normal operation.
FLAG
(MAX4836)
Overcurrent Flag. Open-drain FLAG goes low when the device senses sustained current
exceeding the current-limit threshold for a duration longer than the blanking time. FLAG is high
when SHDN is low or the device is in thermal shutdown.
44
RESET
(MAX4837)
Active-Low Reset Output. Push-pull RESET goes low when the voltage at OUT is below the reset
threshold or when the voltage at OUT is greater than IN. RESET is low when SHDN is low or the
device is in thermal shutdown. After the reset condition terminates, RESET remains low for the
duration of the reset timeout period.
55
SS
Soft-Start Control. Connect a capacitor, CSS, from SS to GND to program the output rise time at
startup. No capacitor from SS to GND gives 1ms output rise time at startup. See the soft-start
response time plots in the Typical Operating Characteristics.
6
6
OUT
Regulator Output. Bypass OUT to GND with a 3.3µF or larger ceramic capacitor. The capacitor’s
ESR should be less than 0.2
Ω for stable operation.
—EP
EP
Exposed Pad. EP is internally connected to GND. Externally connect EP to GND to provide a low
thermal resistance path from the IC junction to the PC board.


Similar Part No. - MAX4836EUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX483 MAXIM-MAX483 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX483 MAXIM-MAX483 Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX483 MAXIM-MAX483 Datasheet
227Kb / 10P
   Overvoltage Protection Controllers with Status FLAG
Rev 0; 10/03
MAX483 MAXIM-MAX483 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX483 MAXIM-MAX483 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results

Similar Description - MAX4836EUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4832 MAXIM-MAX4832 Datasheet
357Kb / 12P
   100mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
MAX4834 MAXIM-MAX4834 Datasheet
350Kb / 12P
   250mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
logo
Skyworks Solutions Inc.
AAT4702 SKYWORKS-AAT4702 Datasheet
2Mb / 20P
   Auto-Restarting Current Limiting Load Switch with LDO Regulator
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
   500mA LDO Linear Regulator
logo
Unisonic Technologies
L1923 UTC-L1923 Datasheet
198Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
logo
Monolithic Power System...
EV2005DD-01B MPS-EV2005DD-01B Datasheet
443Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
EV8904DD-00A MPS-EV8904DD-00A Datasheet
226Kb / 4P
   500mA Low-Current LDO Linear Regulator EV Board
logo
Unisonic Technologies
L1923 UTC-L1923_11 Datasheet
216Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
logo
Rohm
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
logo
ACE Technology Co., LTD...
ACE511 ACE-ACE511 Datasheet
345Kb / 8P
   500mA LDO Linear Voltage Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com