Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13080E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX13080E
Description  5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13080E Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX13080E Datasheet HTML 2Page - Maxim Integrated Products MAX13080E Datasheet HTML 3Page - Maxim Integrated Products MAX13080E Datasheet HTML 4Page - Maxim Integrated Products MAX13080E Datasheet HTML 5Page - Maxim Integrated Products MAX13080E Datasheet HTML 6Page - Maxim Integrated Products MAX13080E Datasheet HTML 7Page - Maxim Integrated Products MAX13080E Datasheet HTML 8Page - Maxim Integrated Products MAX13080E Datasheet HTML 9Page - Maxim Integrated Products MAX13080E Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
+5.0V, ±15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers
6
_______________________________________________________________________________________
DRIVER SWITCHING CHARACTERISTICS
MAX13086E/MAX13087E/MAX13088E/MAX13089E WITH SRL = GND (16Mbps)
(VCC = +5.0V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5.0V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
tDPLH
50
Driver Propagation Delay
tDPHL
CL = 50pF, RL= 54
Ω, Figures 2 and 3
50
ns
Driver Differential Output Rise or
Fall Time
tR , tF
CL = 50pF, RL= 54
Ω, Figures 2 and 3
15
ns
Differential Driver Output Skew
|tDPLH - tDPHL|
tDSKEW
CL = 50pF, RL= 54
Ω, Figures 2 and 3
8
ns
Maximum Data Rate
16
Mbps
Driver Enable to Output High
tDZH
Figure 4
150
ns
Driver Enable to Output Low
tDZL
Figure 5
150
ns
Driver Disable Time from Low
tDLZ
Figure 5
100
ns
Driver Disable Time from High
tDHZ
Figure 4
100
ns
Driver Enable from Shutdown to
Output High
tDZH(SHDN) Figure 4
2200
ns
Driver Enable from Shutdown to
Output Low
tDZL(SHDN) Figure 5
2200
ns
Time to Shutdown
tSHDN
50
340
700
ns
RECEIVER SWITCHING CHARACTERISTICS
MAX13086E/MAX13087E/MAX13088E/MAX13089E WITH SRL = GND (16Mbps)
(VCC = +5.0V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5.0V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
tRPLH
50
80
Receiver Propagation Delay
tRPHL
CL = 15pF, Figures 6 and 7
50
80
ns
Receiver Output Skew
|tRPLH - tRPHL|
tRSKEW
CL = 15pF, Figures 6 and 7
13
ns
Maximum Data Rate
16
Mbps
Receiver Enable to Output Low
tRZL
Figure 8
50
ns
Receiver Enable to Output High
tRZH
Figure 8
50
ns
Receiver Disable Time from Low
tRLZ
Figure 8
50
ns
Receiver Disable Time from High
tRHZ
Figure 8
50
ns
Receiver Enable from Shutdown
to Output High
tRZH(SHDN) Figure 8
2200
ns
Receiver Enable from Shutdown
to Output Low
tRZL(SHDN) Figure 8
2200
ns
Time to Shutdown
tSHDN
50
340
700
ns
Note 1: All currents into the device are positive. All currents out of the device are negative. All voltages are referred to device ground,
unless otherwise noted.
Note 2:
∆VOD and ∆VOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 3: The short-circuit output current applies to peak current just prior to foldback current limiting. The short-circuit foldback output
current applies during current limiting to allow a recovery from bus contention.


Similar Part No. - MAX13080E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
logo
ARTSCHIP ELECTRONICS CO...
MAX13080E ARTSCHIP-MAX13080E Datasheet
3Mb / 24P
   Transceivers
logo
Maxim Integrated Produc...
MAX13080EAPD MAXIM-MAX13080EAPD Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
logo
ARTSCHIP ELECTRONICS CO...
MAX13080EAPD ARTSCHIP-MAX13080EAPD Datasheet
3Mb / 24P
   Transceivers
logo
Maxim Integrated Produc...
MAX13080EAPD++ MAXIM-MAX13080EAPD+ Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
More results

Similar Description - MAX13080E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13085EEPA MAXIM-MAX13085EEPA Datasheet
2Mb / 14P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
MAX14780E MAXIM-MAX14780E Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 12/10
MAX14780E MAXIM-MAX14780E_15 Datasheet
1Mb / 14P
   5.0V, ±30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 3; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com