Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9117 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9117
Description  SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9117 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9117_07 Datasheet HTML 1Page - Maxim Integrated Products MAX9117_07 Datasheet HTML 2Page - Maxim Integrated Products MAX9117_07 Datasheet HTML 3Page - Maxim Integrated Products MAX9117_07 Datasheet HTML 4Page - Maxim Integrated Products MAX9117_07 Datasheet HTML 5Page - Maxim Integrated Products MAX9117_07 Datasheet HTML 6Page - Maxim Integrated Products MAX9117_07 Datasheet HTML 7Page - Maxim Integrated Products MAX9117_07 Datasheet HTML 8Page - Maxim Integrated Products MAX9117_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SC70, 1.6V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX9119/MAX9120 (without REF)
(VCC = +5V, VEE = 0V, VCM = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
ELECTRICAL CHARACTERISTICS—MAX9117/MAX9118 (with REF) (continued)
(VCC = +5V, VEE = 0V, VIN+ = VREF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 1.6V
15
MAX9117 only
VCC = 5V
40
VCC = 1.6V, RPULLUP
= 100k
16
Low-to-High Propagation Delay
(Note 4)
tPD+
MAX9118 only
VCC = 5V,
RPULLUP = 100k
45
µs
Rise Time
tRISE
MAX9117 only, CL = 15pF
1.6
µs
Fall Time
tFALL
CL = 15pF
0.2
µs
Power-Up Time
tON
1.2
ms
TA = +25°C
1.230
1.252
1.274
Reference Voltage
VREF
TA = TMIN to TMAX
1.196
1.308
V
Reference Voltage Temperature
Coefficient
TCREF
100
ppm/
°C
BW = 10Hz to 100kHz
1.1
Reference Output Voltage Noise
EN
BW = 10Hz to 100kHz, CREF = 1nF
0.2
mVRMS
Reference Line Regulation
∆VREF/
∆VCC
VCC = 1.6V to 5.5V
0.25
mV/V
Reference Load Regulation
∆VREF/
∆IOUT
∆IOUT = 10nA
±1
mV/
nA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25
°C
1.6
5.5
Supply Voltage Range
VCC
Inferred from the
PSRR test
TA = TMIN to TMAX
1.8
5.5
V
VCC = 1.6V, TA = +25
°C
0.35
0.80
TA = +25
°C
0.45
0.80
Supply Current
ICC
VCC = 5V
TA = TMIN to TMAX
1.2
µA
Input Common-Mode
Voltage Range
VCM
Inferred from the CMRR test
VEE -
0.2
VCC +
0.2
V
TA = +25
°C1
5
Input Offset Voltage
VOS
-0.2V
≤ VCM
(VCC + 0.2V)
(Note 2)
TA = TMIN to TMAX
10
mV
Input-Referred Hysteresis
VHB
-0.2V
≤ VCM ≤ (VCC + 0.2V) (Note 3)
4
mV
TA = +25
°C
0.15
1
Input Bias Current
IB
TA = TMIN to TMAX
2
nA
Input Offset Current
IOS
75
pA
VCC = 1.6V to 5.5V, TA = +25
°C
0.1
1
Power-Supply Rejection Ratio
PSRR
VCC = 1.8V to 5.5V, TA = TMIN to TMAX
1
mV/V
Common-Mode Rejection Ratio
CMRR
(VEE - 0.2V)
≤ VCM ≤ (VCC + 0.2V)
0.5
3
mV/V


Similar Part No. - MAX9117_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9117ESA++ MAXIM-MAX9117ESA+ Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
More results

Similar Description - MAX9117_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com