Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5902 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5902
Description  72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5902 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5902 Datasheet HTML 3Page - Maxim Integrated Products MAX5902 Datasheet HTML 4Page - Maxim Integrated Products MAX5902 Datasheet HTML 5Page - Maxim Integrated Products MAX5902 Datasheet HTML 6Page - Maxim Integrated Products MAX5902 Datasheet HTML 7Page - Maxim Integrated Products MAX5902 Datasheet HTML 8Page - Maxim Integrated Products MAX5902 Datasheet HTML 9Page - Maxim Integrated Products MAX5902 Datasheet HTML 10Page - Maxim Integrated Products MAX5902 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
+72V, SOT23/TDFN, Simple Swapper Hot-Swap
Controllers
_______________________________________________________________________________________
7
A thermal shutdown feature protects the external MOS-
FET by turning it off if the die temperature of the
MAX5902/MAX5903 exceeds +125°C. The MAX5902/
MAX5903 must be in good thermal contact with the
external MOSFET. See Layout Guidelines in the Appli-
cations section of the data sheet.
A circuit-breaker function monitors the voltage across
the external MOSFET, VSD, and turns off the MOSFET if
VSD exceeds the circuit-breaker threshold, VCB. The
circuit-breaker function is enabled after the MOSFET is
fully enhanced. Three threshold voltage options are
available—300mV, 400mV, and 500mV. One version is
available with no circuit-breaker function. Fault man-
agement for the MAX5902/MAX5903 is offered with two
different configurations; latched and automatic retry.
Latched Circuit Breaker
After a circuit-breaker trip event, the latched
versions (MAX5902L/MAX5903L) drive GATE to
VS, turning off the external MOSFET, and PGOOD
(PGOOD) is deasserted. A latched off condition
needs to be reset by toggling ON/OFF low for at
least 10ms, or by cycling the power supply, VS.
Automatic Retry Circuit Breaker
After a circuit-breaker trip event, the automatic retry
versions (MAX5902A/MAX5903A) drive GATE to VS,
turning off the external MOSFET, and PGOOD
(PGOOD) is deasserted. If the start conditions are met
for a full 150ms (tRS) the start sequence is re-initiated.
The start conditions are: the device is not in UVLO;
ON/OFF is not driven low; and the device is not in ther-
mal shutdown.
No Circuit Breaker
For the versions without a circuit breaker, MAX5902N
(MAX5903N), PGOOD (PGOOD) are asserted when the
MOSFET is fully enhanced. Once powered up the
MAX5902N/MAX5903N ignore the MOSFET drain-to-
source voltage for applications where a circuit-breaker
function is not desired.
Applications Information
ON/
OFF Control Input
The ON/OFF control input provides three functions:
external ON/OFF control; setting of the UVLO level; and
resetting after a circuit-breaker event has caused the
MAX5902L/MAX5903L to turn off the external MOSFET.
Pulling ON/OFF to GND for at least 10ms (tOFF) forces
the MAX5902/MAX5903 to turn off the external MOSFET
(see Figure 3 for a circuit example). To reset the
MAX5902L/MAX5903L after a circuit-breaker event,
toggle ON/OFF to GND for at least 10ms (tOFF).
ON/OFF can be used to sequence power supplies.
Connecting a capacitor from ON/OFF to GND will delay
the rise of ON/OFF proportional to the capacitance and
input impedance of ON/OFF, typically 33kΩ (Figure 4).
The MAX5902/MAX5903 can be controlled by logic-
level signals. Logic-level signals of 3.3V or 1.8V may be
directly connected to ON/OFF. For 5V logic level control,
insert a series 47kΩ resistor as shown in Figure 5.
Figure 4. Power-Supply Sequencing
HOT-SWAP CONTROLLER #1
VS
GND
C
2C
MAX5902
MAX5903
VS
ON/OFF
HOT-SWAP CONTROLLER #2
GND
VS
GND
MAX5902
MAX5903
ON/OFF
HOT-SWAP CONTROLLER
OPTIONAL
+24V
VS
GND
R2
40.2kΩ
R1
3.01kΩ
MAX5902
MAX5903
GND
DGND
ON/OFF
ON/OFF
Figure 3. Programmed +18V Lockout, with Optional Optocoupler
On/Off Control.


Similar Part No. - MAX5902

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5902-MAX5903 MAXIM-MAX5902-MAX5903 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
More results

Similar Description - MAX5902

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5911 MAXIM-MAX5911 Datasheet
417Kb / 8P
   -48V Simple Swapper Hot-Swap Switches
19-1832; Rev 0a; 1/01
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5923 MAXIM-MAX5923 Datasheet
444Kb / 12P
   60V Simple Swapper Hot-Swap Switch
Rev 0; 4/03
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com