Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9119EXK Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9119EXK
Description  SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9119EXK Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9119EXK Datasheet HTML 1Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 2Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 3Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 4Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 5Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 6Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 7Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 8Page - Maxim Integrated Products MAX9119EXK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX9117–MAX9120 nanopower comparators in
space-saving SC70 packages feature Beyond-the-
Rails™ inputs and are guaranteed to operate down to
+1.6V. The MAX9117/MAX9118 feature an on-board
1.252V ±1.75% reference and draw an ultra-low supply
current of only 600nA, while the MAX9119/MAX9120
(without reference) require just 350nA of supply current.
These features make the MAX9117–MAX9120 family of
comparators ideal for all 2-cell battery-monitoring/man-
agement applications.
The unique design of the output stage limits supply-cur-
rent surges while switching, virtually eliminating the sup-
ply glitches typical of many other comparators. This
design also minimizes overall power consumption under
dynamic conditions. The MAX9117/MAX9119 have a
push-pull output stage that sinks and sources current.
Large internal-output drivers allow rail-to-rail output
swing with loads up to 5mA. The MAX9118/MAX9120
have an open-drain output stage that makes them suit-
able for mixed-voltage system design. All devices are
available in the ultra-small 5-pin SC70 package.
Applications
2-Cell Battery Monitoring/Management
Ultra-Low-Power Systems
Mobile Communications
Notebooks and PDAs
Threshold Detectors/Discriminators
Sensing at Ground or Supply Line
Telemetry and Remote Systems
Medical Instruments
Features
♦ Space-Saving SC70 Package (Half the Size of
SOT23)
♦ Ultra-Low Supply Current
350nA Per Comparator (MAX9119/MAX9120)
600nA Per Comparator with Reference
(MAX9117/MAX9118)
♦ Guaranteed to Operate Down to +1.6V
♦ Internal 1.252V ±1.75% Reference
(MAX9117/MAX9118)
♦ Input Voltage Range Extends 200mV
Beyond-the-Rails
♦ CMOS Push-Pull Output with ±5mA Drive
Capability (MAX9117/MAX9119)
♦ Open-Drain Output Versions Available
(MAX9118/MAX9120)
♦ Crowbar-Current-Free Switching
♦ Internal Hysteresis for Clean Switching
♦ No Phase Reversal for Overdriven Inputs
SC70, 1.6V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
________________________________________________________________ Maxim Integrated Products
1
VEE
IN- (REF)
IN+
1
5
VCC
OUT
MAX9117
MAX9118
MAX9119
MAX9120
SC70
TOP VIEW
2
3
4
( ) ARE FOR MAX9117/MAX9118.
IN- (REF)
N.C.
VEE
1
8
N.C.
N.C.
MAX9117
MAX9120
SO
2
IN+
3
VCC
7
OUT
6
4
5
Typical Application Circuit appears at end of data sheet.
Pin Configurations
Selector Guide
Ordering Information
Beyond-the-Rails is a trademark of Maxim Integrated Products, Inc.
19-1862; Rev 4; 1/07
PART
INTERNAL
REFERENCE
OUTPUT
TYPE
SUPPLY
CURRENT
(nA)
MAX9117
Yes
Push-Pull
600
MAX9118
Yes
Open-Drain
600
350
Push-Pull
No
MAX9119
MAX9120
No
Open-Drain
350
PART
PIN-
PACKAGE
TOP
MARK
PKG
CODE
MAX9117EXK-T
5 SC70-5
ABW
X5-1
MAX9117ESA+
8 SO
S8-2
MAX9118EXK-T
5 SC70-5
ABX
X5-1
MAX9119EXK-T
5 SC70-5
ABY
X5-1
MAX9120EXK-T
5 SC70-5
ABZ
X5-1
MAX9120ESA+
8 SO
S8-2
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Note: All devices specified for over -40°C to +85°C operating
temperature range.
+Denotes lead-free package.


Similar Part No. - MAX9119EXK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9119EXK MAXIM-MAX9119EXK Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9119EXK-T MAXIM-MAX9119EXK-T Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9119EXK-T MAXIM-MAX9119EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
More results

Similar Description - MAX9119EXK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com