Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9064EBS Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9064EBS
Description  Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9064EBS Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9064EBS Datasheet HTML 1Page - Maxim Integrated Products MAX9064EBS Datasheet HTML 2Page - Maxim Integrated Products MAX9064EBS Datasheet HTML 3Page - Maxim Integrated Products MAX9064EBS Datasheet HTML 4Page - Maxim Integrated Products MAX9064EBS Datasheet HTML 5Page - Maxim Integrated Products MAX9064EBS Datasheet HTML 6Page - Maxim Integrated Products MAX9064EBS Datasheet HTML 7Page - Maxim Integrated Products MAX9064EBS Datasheet HTML 8Page - Maxim Integrated Products MAX9064EBS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ultra-Small, Low-Power Single
Comparators in 4-Bump UCSP and 5-SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
MAX9060/MAX9061 ELECTRICAL CHARACTERISTICS
(VREF = 1.8V, RPULLUP = 10kΩ to VPULLUP = 3.3V, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)
(Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, REF, IN to GND................................................-0.3V to +6V
OUT to GND (MAX9060–MAX9063).........................-0.3V to +6V
OUT to GND (MAX9064 Only) ................-0.3V to + (VCC + 0.3V)
Output Short-Circuit Current Duration ....................................10s
Input Current into Any Terminal........................................±20mA
Continuous Power Dissipation
4-Bump UCSP (derate 3.0mW/°C above +70°C) .......238 mW
5-Pin SOT23 (derate 3.9mW/°C above +70°C)...........312 mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (excluding UCSP, soldering, 10s).....+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
TA = +25°C
1.3
6
Input Offset Voltage
(Note 2)
VOS
9
mV
Hysteresis
VHYS
(Note 3)
±12
mV
Input Voltage Range
VIN
-0.3
+5.5
V
0V < VIN < VREF + 0.6V
40
Input Bias Current
IIN
VREF + 0.6V < VIN < 5.5V
10
100
nA
Input Shutdown Current
IIN_PD
VREF = 0, VIN = 5.5V (Note 4)
< 0.1
27
nA
ISINK = 25µA, VREF = 0.9V,
TA = +25°C
0.04
0.20
ISINK = 200µA, VREF = 1.2V
0.08
0.20
ISINK = 500µA, VREF = 1.8V
0.13
0.23
Output Voltage Low
VOL
ISINK = 1.2mA, VREF = 5.5V
0.19
0.50
V
Output Leakage Current
(OUT = High)
IOUT_LEAKAGE VPULLUP = 5.5V (Note 4)
< 0.1
35
nA
AC CHARACTERISTICS
Propagation Delay
tPD
Overdrive = ±100mV (Note 5)
25
µs
Fall Time
tF
CL = 10pF
14
ns
REF SUPPLY
REF Voltage
VREF
Guaranteed by VOS tests
0.9
5.5
V
VREF = 0.9V, VIN = VREF,
TA = +25°C
50
100
VREF = 1.8V, VIN = VREF,
TA = +25°C
60
VREF = 5.5V, VIN = VREF,
TA = +25°C
170
320
REF Input Current
IREF
VREF = 5.5V, VIN = VREF,
-40°C < TA < +85°C
350
nA
REF Rejection Ratio
RRR
VREF = 0.9V to 5.5V, TA = +25°C
63
90
dB
Power-Up Time
tON
3ms


Similar Part No. - MAX9064EBS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9064EBS++ MAXIM-MAX9064EBS+ Datasheet
309Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 1; 1/09
MAX9064EBSG45 MAXIM-MAX9064EBSG45 Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
More results

Similar Description - MAX9064EBS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9060 MAXIM-MAX9060 Datasheet
309Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 1; 1/09
MAX9060 MAXIM-MAX9060_11 Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
MAX9065 MAXIM-MAX9065_11 Datasheet
384Kb / 9P
   Ultra-Small, Low-Power, Window Comparator in 4 UCSP and 5 SOT23
Rev 2; 1/11
MAX9065 MAXIM-MAX9065 Datasheet
226Kb / 9P
   Ultra-Small, Low-Power, Window Comparator in 4 UCSP and 5 SOT23
Rev 1; 10/08
MAX9644_1110 MAXIM-MAX9644_1110 Datasheet
256Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 1; 10/11
MAX9644 MAXIM-MAX9644 Datasheet
294Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com