Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9064EUK Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9064EUK
Description  Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9064EUK Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9064EUK Datasheet HTML 1Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 2Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 3Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 4Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 5Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 6Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 7Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 8Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX9060–MAX9064 are small single comparators,
ideal for a wide variety of portable electronics applica-
tions such as cell phones, media players, and notebooks
that have extremely tight board space and power con-
straints. These comparators are offered in both, a minia-
ture 4-bump UCSP™ package with a 1mm x 1mm
footprint (as small as two 0402 resistors), and a 5-pin
SOT23 package.
The MAX9060–MAX9064 feature an input voltage range
of -0.3V to +5.5V independent of supply voltage. These
devices maintain high impedance at the inputs even
when powered down (VCC or VREF = 0V). They also
feature internal filtering to provide high RF immunity.
The MAX9060 and MAX9061 have open-drain outputs
and draw quiescent supply current from a user-supplied
reference voltage, VREF, between 0.9V and 5.5V. These
devices consume only 100nA (max) supply current and
operate over the extended -40°C to +85°C temperature
range.
The MAX9062, MAX9063 and MAX9064 are single com-
parators with an internal 0.2V reference. These devices
feature either a push-pull or an open-drain output. They
consume only 700nA (max) supply current. The MAX9062,
MAX9063, and MAX9064 operate down to VCC = 1V
over the extended -40°C to +85°C temperature range.
Applications
Cell Phones
Portable Media Players
Electronic Toys
Notebook Computers
Portable Medical Devices
Features
o Tiny 1mm x 1mm x 0.6mm 4-Bump UCSP
Footprint = Two 0402 Resistors
Also Available in a 5-Pin SOT23 Package
o Ultra-Low Operating Current (100nA max)
o Input Voltage Range = -0.3V to +5.5V
o External REF Range = 0.9V to 5.5V
(MAX9060/MAX9061)
o Internal REF Voltage = 0.2V
(MAX9062/MAX9063/MAX9064)
o 15µs Propagation Delay
o -40°C to +85°C Extended Temperature Range
Ultra-Small, Low-Power Single
Comparators in 4-Bump UCSP and 5-SOT23
________________________________________________________________
Maxim Integrated Products
1
MAX9060–MAX9064
MAX9060–
MAX9064
A1
UCSP
SOT23
REF = MAX9060/MAX9061
(VCC) = MAX9062–MAX9064
TOP VIEW (BUMPS ON BOTTOM)
A2
B1
B2
IN
GND
OUT
REF
(VCC)
1
+
3
2
5
4
REF
(VCC)
GND
OUT
IN
GND
Pin Configuration
19-4105; Rev 2; 10/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information
PART
PIN-PACKAGE
TOP MARK
MAX9060EBS+
4 UCSP
AFX
MAX9060EUK+
5 SOT23
AFFG
MAX9061EBS+
4 UCSP
AFY
MAX9061EUK+
5 SOT23
AFFH
MAX9062EBS+
4 UCSP
AFZ
MAX9062EUK+
5 SOT23
AFFI
MAX9063EBS+
4 UCSP
AGA
MAX9063EUK+
5 SOT23
AFFJ
MAX9064EBS+
4 UCSP
AGB
MAX9064EUK+
5 SOT23
AFFK
Note: All devices are specified over the extended -40°C to
+85°C operating temperature range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
UCSP is a trademark of Maxim Integrated Products, Inc.
Selector Guide and Typical Operating Circuits appear at
end of data sheet.


Similar Part No. - MAX9064EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9064EUK MAXIM-MAX9064EUK Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
MAX9064EUK++ MAXIM-MAX9064EUK+ Datasheet
309Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 1; 1/09
More results

Similar Description - MAX9064EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9060 MAXIM-MAX9060 Datasheet
309Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 1; 1/09
MAX9060 MAXIM-MAX9060_11 Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
MAX9065 MAXIM-MAX9065_11 Datasheet
384Kb / 9P
   Ultra-Small, Low-Power, Window Comparator in 4 UCSP and 5 SOT23
Rev 2; 1/11
MAX9065 MAXIM-MAX9065 Datasheet
226Kb / 9P
   Ultra-Small, Low-Power, Window Comparator in 4 UCSP and 5 SOT23
Rev 1; 10/08
MAX9644_1110 MAXIM-MAX9644_1110 Datasheet
256Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 1; 10/11
MAX9644 MAXIM-MAX9644 Datasheet
294Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com