Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15019BASA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15019BASA
Description  125V/3A, High-Speed, Half-Bridge MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15019BASA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15019BASA Datasheet HTML 1Page - Maxim Integrated Products MAX15019BASA Datasheet HTML 2Page - Maxim Integrated Products MAX15019BASA Datasheet HTML 3Page - Maxim Integrated Products MAX15019BASA Datasheet HTML 4Page - Maxim Integrated Products MAX15019BASA Datasheet HTML 5Page - Maxim Integrated Products MAX15019BASA Datasheet HTML 6Page - Maxim Integrated Products MAX15019BASA Datasheet HTML 7Page - Maxim Integrated Products MAX15019BASA Datasheet HTML 8Page - Maxim Integrated Products MAX15019BASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
125V/3A, High-Speed,
Half-Bridge MOSFET Drivers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VBST = 8V to 12.6V, VHS = VGND = 0V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at VDD = VBST
= 12V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING CHARACTERISTICS FOR HIGH- AND LOW-SIDE DRIVERS (VDD = VBST = +12V)
No CL
1
CL = 1000pF
5
CL = 5000pF
25
Rise Time
tR
CL = 10,000pF
50
ns
No CL
1
CL = 1000pF
5
CL = 5000pF
20
Fall Time
tF
CL = 10,000pF
40
ns
MAX15018A/
MAX15018B (CMOS)
33
60
Turn-On Propagation Delay Time
tD_ON
Figure 1,
CL = 1000pF
(Note 2)
MAX15019A/
MAX15019B (TTL)
36
66
ns
MAX15018A/
MAX15018B (CMOS)
30
55
Turn-Off Propagation Delay Time
tD_OFF
Figure 1,
CL = 1000pF
(Note 2)
MAX15019A/
MAX15019B (TTL)
36
66
ns
MAX15018A/
MAX15018B (CMOS)
15
Delay Matching Between High-Side
Turn-On to Low-Side Turn-On
tMATCH1
CL = 1000pF
(Note 2)
MAX15019A/
MAX15019B (TTL)
16
ns
MAX15018A/
MAX15018B (CMOS)
15
Delay Matching Between High-Side
Turn-Off to Low-Side Turn-Off
tMATCH2
CL = 1000pF
(Note 2)
MAX15019A/
MAX15019B (TTL)
16
ns
MAX15018A/
MAX15018B (CMOS)
28
Delay Matching Between High-Side
Turn-Off to Low-Side Turn-On
tMATCH3
CL = 1000pF
(Note 2)
MAX15019A/
MAX15019B (TTL)
16
ns
MAX15018A/
MAX15018B (CMOS)
28
Delay Matching Between High-Side
Turn-On to Low-Side Turn-Off
tMATCH4
CL = 1000pF
(Note 2)
MAX15019A/
MAX15019B (TTL)
16
ns
Minimum Input Pulse Width for
Output Change
tPW
20
ns
Note 1: All devices are 100% production tested at TA = TJ = +125°C. Limits over temperature are guaranteed by design and char-
acterization.
Note 2: Guaranteed by design, not production tested.


Similar Part No. - MAX15019BASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1501 MAXIM-MAX1501 Datasheet
367Kb / 15P
   Highly Integrated, Linear Battery Charger with Thermal Regulation for Portable Applications
Rev 0; 4/03
MAX1501 MAXIM-MAX1501 Datasheet
230Kb / 16P
   Highly Integrated, Linear Battery Charger with Thermal Regulation for Portable Applications
2014
MAX15010 MAXIM-MAX15010 Datasheet
469Kb / 23P
   Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Rev 0; 9/07
MAX15010ATJ++ MAXIM-MAX15010ATJ+ Datasheet
469Kb / 23P
   Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Rev 0; 9/07
MAX15011 MAXIM-MAX15011 Datasheet
469Kb / 23P
   Automotive 300mA LDO Regulators with Switched Output and Overvoltage Protector
Rev 0; 8/07
More results

Similar Description - MAX15019BASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
TelCom Semiconductor, I...
TC1413 TELCOM-TC1413 Datasheet
68Kb / 5P
   3A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_15 Datasheet
824Kb / 24P
   3A High-Speed MOSFET Drivers
01/27/15
TC1413 MICROCHIP-TC1413_03 Datasheet
345Kb / 16P
   3A High-Speed MOSFET Drivers
2003
TC1413 MICROCHIP-TC1413 Datasheet
439Kb / 14P
   3A High-Speed MOSFET Drivers
2002
TC1413 MICROCHIP-TC1413_13 Datasheet
262Kb / 18P
   3A High-Speed MOSFET Drivers
2001-2012 11/27/12
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com