Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9120 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9120
Description  SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9120 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9120 Datasheet HTML 1Page - Maxim Integrated Products MAX9120 Datasheet HTML 2Page - Maxim Integrated Products MAX9120 Datasheet HTML 3Page - Maxim Integrated Products MAX9120 Datasheet HTML 4Page - Maxim Integrated Products MAX9120 Datasheet HTML 5Page - Maxim Integrated Products MAX9120 Datasheet HTML 6Page - Maxim Integrated Products MAX9120 Datasheet HTML 7Page - Maxim Integrated Products MAX9120 Datasheet HTML 8Page - Maxim Integrated Products MAX9120 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SC70, 1.6V, Nanopower, Beyond-the-Rails
Comparators With/Without Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX9117/MAX9118 (with REF)
(VCC = +5V, VEE = 0V, VIN+ = VREF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)..................................................+6V
Voltage Inputs (IN+, IN-, REF) .........(VEE - 0.3V) to (VCC + 0.3V)
Output Voltage
MAX9117/MAX9119 ....................(VEE - 0.3V) to (VCC + 0.3V)
MAX9118/MAX9120 ..................................(VEE - 0.3V) to +6V
Current Into Input Pins......................................................±20mA
Output Current..................................................................±50mA
Output Short-Circuit Duration .................................................10s
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 2.5mW/°C above +70°C) .............200mW
8-Pin SO (derate 5.88mW/°C above +70°C)...............471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
1.6
5.5
Supply Voltage Range
VCC
Inferred from the PSRR
test
TA = TMIN to TMAX
1.8
5.5
V
VCC = 1.6V
TA = +25°C
0.60
1
TA = +25°C
0.68
1.3
Supply Current
ICC
VCC = 5V
TA = TMIN to TMAX
1.6
µA
IN+ Voltage Range
VIN+
Inferred from output swing test
VEE -
0.2
VCC +
0.2
V
TA = +25°C
1
5
Input Offset Voltage
VOS
(Note 2)
TA = TMIN to TMAX
10
mV
Input-Referred Hysteresis
VHB
(Note 3)
4
mV
TA = +25°C
0.15
1
Input Bias Current
IB
TA = TMIN to TMAX
2
nA
VCC = 1.6V to 5.5V, TA = +25°C
0.1
1
Power-Supply Rejection Ratio
PSRR
VCC = 1.8V to 5.5V, TA = TMIN to TMAX
1
mV/V
TA = +25°C
190
400
MAX9117, VCC = 5V,
ISOURCE = 5mA
TA = TMIN to TMAX
500
VCC = 1.6V, TA = +25°C
100
200
Output Voltage Swing High
VCC - VOH
MAX9117,
ISOURCE = 1mA
VCC = 1.8V,
TA = TMIN to TMAX
300
mV
TA = +25°C
190
400
VCC = 5V, ISINK= 5mA
TA = TMIN to TMAX
500
VCC = 1.6V, TA = +25°C
100
200
Output Voltage Swing Low
VOL
ISINK= 1mA
VCC = 1.8V,
TA = TMIN to TMAX
300
mV
Output Leakage Current
ILEAK
MAX9118 only, VO = 5.5V
0.002
1
µA
VCC = 5V
35
Sourcing, VO = VEE
VCC = 1.6V
3
VCC = 5V
35
Output Short-Circuit Current
ISC
Sinking, VO = VCC
VCC = 1.6V
3
mA
VCC = 1.6V
16
High-to-Low Propagation Delay
(Note 4)
tPD-
VCC = 5V
14
µs


Similar Part No. - MAX9120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9120 MAXIM-MAX9120 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX9120ESA++ MAXIM-MAX9120ESA+ Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9120EXK-T MAXIM-MAX9120EXK-T Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9120EXK-T MAXIM-MAX9120EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
More results

Similar Description - MAX9120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com