Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4772EUT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4772EUT
Description  200mA/500mA Selectable Current-Limit Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4772EUT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4772EUT Datasheet HTML 2Page - Maxim Integrated Products MAX4772EUT Datasheet HTML 3Page - Maxim Integrated Products MAX4772EUT Datasheet HTML 4Page - Maxim Integrated Products MAX4772EUT Datasheet HTML 5Page - Maxim Integrated Products MAX4772EUT Datasheet HTML 6Page - Maxim Integrated Products MAX4772EUT Datasheet HTML 7Page - Maxim Integrated Products MAX4772EUT Datasheet HTML 8Page - Maxim Integrated Products MAX4772EUT Datasheet HTML 9Page - Maxim Integrated Products MAX4772EUT Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Reverse-Current Protection
The MAX4772/MAX4773 limit the reverse current (VOUT to
VIN) from exceeding the maximum IREV value. The switch
is shut off and FLAG is asserted if the reverse current-limit
condition persists for more than the blanking time. This
feature prevents excessive reverse currents from flowing
through the device.
Switch-On/Off Control
Toggle ON high to enable the current-limited switches.
When a forward/reverse current fault is present or the die
exceeds the thermal-shutdown temperature of +150°C,
OUT is internally disconnected from IN and the supply
current decreases to 8µA (latch off). The switch is now
operating in one of its off states. The switch-off state also
occurs when driving ON low, thus reducing the supply
current (shutdown) to 0.01µA. Table 1 illustrates the
ON/OFF state of the MAX4772/MAX4773 current-limit
switches.
FLAG Indicator
The MAX4772/MAX4773 feature a fault output (FLAG).
Whenever an overcurrent condition is encountered, the
MAX4772 latches FLAG low and turns the switch off.
The MAX4773 latches FLAG low and keeps it low until
the overcurrent conditon is removed. During this time,
the switch cycles on and off in the autoretry mode.
When the overcurrent condition is removed, FLAG
deasserts and the switch turns on (Figure 4).
FLAG is an open-drain output transistor and requires an
external pullup resistor from FLAG to IN. During shut-
down (ON is low), the pulldown on FLAG output is
released in order to limit power dissipation. FLAG goes
low when any of the following conditions occur:
• The die temperature exceeds the thermal-shutdown
temperature limit of +150°C.
• The device is in current limit for more than the fault-
blanking period.
• The switch is in autoretry.
Autoretry (MAX4773)
When the forward or reverse current-limit threshold is
exceeded, tBLANK timer begins counting (Figure 4).
The timer resets if the overcurrent condition disappears
before tBLANK has elapsed. A retry time delay (tRETRY)
is started immediately after tBLANK has elapsed and
during that time, the switch is latched off and FLAG
asserts. At the end of tRETRY, the switch is turned on
again. If the fault still exists, the cycle is repeated. If the
fault has been removed, the switch stays on and FLAG
deasserts.
200mA/500mA Selectable
Current-Limit Switches
_______________________________________________________________________________________
7
ON
FAULT
SWITCH ON/OFF
SUPPLY CURRENT MODE
Low
X
OFF
Shutdown
High
Thermal
OFF immediately (tBLANK period does not apply)
Latch off
OFF after tBLANK period has elapsed
Latch off
High
Current Limit
ON during tBLANK period, OFF during tRETRY period for the
MAX4773 cycle repeats until fault is removed
See the Autoretry section
Table 1. MAX4772/MAX4773 Switch Truth Table
Figure 2. MAX4772/MAX4773 Power-Up Sequence (VSEL Rises
after Power-Up)
VIN
VIN ≥ 2V
VSEL
ISEL
100
µA (MAX)
VIH
200mA
500mA
Figure 3. MAX4772 Power-Up Sequence (VSEL and VIN Rise
Simultaneously)
VIN
VIN = 2V
VSEL
ISEL
500mA


Similar Part No. - MAX4772EUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477EPA MAXIM-MAX477EPA Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477ESA MAXIM-MAX477ESA Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477EUA MAXIM-MAX477EUA Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477EUK-T MAXIM-MAX477EUK-T Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
More results

Similar Description - MAX4772EUT

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
   200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4795 MAXIM-MAX4795 Datasheet
234Kb / 9P
   450mA/500mA Current-Limit Switches
Rev 0; 8/03
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX20314 MAXIM-MAX20314 Datasheet
653Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
Rev 0; 6/17
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
2019
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com