Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9723DEVCMOD2 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9723DEVCMOD2
Description  MAX9723D Evaluation Kit/Evaluation System
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9723DEVCMOD2 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9723DEVCMOD2 Datasheet HTML 1Page - Maxim Integrated Products MAX9723DEVCMOD2 Datasheet HTML 2Page - Maxim Integrated Products MAX9723DEVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX9723DEVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX9723DEVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX9723DEVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX9723DEVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX9723DEVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX9723DEVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
________________________________________________________________________________________
Quick Start
Recommended Equipment
DC power supply (3.3V @ 0.5A)
Stereo audio source (e.g., CD player, MP3 player, etc.)
•32Ω or 16Ω headphones
MAX9723D EV system
MAX9723D EV kit
Maxim CMODUSB+ or CMOD232+ system
command module
A user-supplied Windows 98SE/2000/XP PC
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
directly from the EV kit software. Text in bold and
underlined refers to items from the Windows 98SE/
2000/XP operating system.
Procedure
Follow the steps below to verify board operation.
Caution: Do not turn on the power supply until all con-
nections are complete.
1) Visit the Maxim website (www.maxim-ic.com/evkit-
software) to download the most recent version of
the EV kit software, 9723RXX.ZIP. Save the EV kit
software to a temporary folder and uncompress the
ZIP file.
2) Install the MAX9723D EV kit software on your com-
puter by running the INSTALL.EXE program inside
the temporary folder. The program files are copied
and icons are created in the Windows Start |
Programs menu.
3) Carefully connect the system command module to
the EV kit by aligning the 20-pin connector of the
MAX9723D EV kit with the 20-pin header of the
Maxim system command module interface board.
4) Enable the pullup resistors on the system command
module by making sure the SDA switch and SCL
switch (both on SW1) are thrown on.
5) If using Maxim’s serial-interface board (CMOD232+),
connect a 9-pin male-to-female cable from the com-
puter’s serial port to CMOD232+. CMOD232+
requires a 9V power supply to P1 (DC IN). For regu-
lated 3.3V output voltage, install a shunt across pins
1-2 of J1 on the CMOD232+. If using Maxim’s USB
interface board (CMODUSB+), connect the A-to-B
USB cable from the computer’s USB port to
CMODUSB+. CMODUSB+ requires no external
power as it is powered from the PC USB port. For reg-
ulated 3.3V output, install a shunt across pins 2-3 of
J1 on the CMODUSB+.
6) Ensure that a shunt is placed across pins 1-2 of
JU3 on the MAX9723D EV kit board.
MAX9723D Evaluation Kit/Evaluation System
2
_______________________________________________________________________________________
Note: Indicate that you are using the MAX9723D when
contacting these component suppliers.
DESIGNATION
QTY
DESCRIPTION
J1
1
2 x 10 right-angle receptacle
JU1, JU2, JU3
3
3-pin headers
PJ1
1
3.5mm stereo jack
(SMT, lead free, and RoHS)
CUI Inc. SJ-3523-SMT
R1, R2
2
10kΩ ±1% resistors (0603)
lead free
R3, R6
2
22.1kΩ ±1% resistors (0603)
lead free
R4, R5
2
47.5kΩ ±1% resistors (0603)
lead free
U1
1
MAX9723DETE+ (16-pin TQFN)
Stereo DirectDrive headphone
amplifier
3
Shunts
1
MAX9723D EV kit PCB
Component List (continued)
MAX9723DEVKIT+
SUPPLIER
PHONE
WEBSITE
Keystone
800-221-5510
www.keyelco.com
Murata
770-436-1300
www.murata.com
TDK
847-703-6100
www.component.tdk.com
Component Suppliers
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on your
computer
MAX9723V03.EXE
Application program
TROUBLESHOOTING_USB.
PDF
USB driver installation help
file
FTD2XX.INF
USB device driver file
UNINST.INI
Uninstall the EV kit software
MAX9723D EV Kit Files


Similar Part No. - MAX9723DEVCMOD2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
MAX97236 MAXIM-MAX97236 Datasheet
3Mb / 39P
   Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11
MAX97236EWA MAXIM-MAX97236EWA Datasheet
3Mb / 39P
   Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11
MAX9723EBE-T MAXIM-MAX9723EBE-T Datasheet
1Mb / 23P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
More results

Similar Description - MAX9723DEVCMOD2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
   MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
MAX9590EVKIT MAXIM-MAX9590EVKIT Datasheet
723Kb / 9P
   MAX9590 Evaluation Kit/Evaluation System
19-0561; Rev 0; 5/06
MAX5661EVKIT MAXIM-MAX5661EVKIT Datasheet
306Kb / 13P
   MAX5661 Evaluation Kit/Evaluation System
Rev 0; 3/09
MAX6660EVKIT MAXIM-MAX6660EVKIT Datasheet
190Kb / 7P
   MAX6660 Evaluation System/Evaluation Kit
Rev 0; 1/02
MAX7306EVKIT MAXIM-MAX7306EVKIT Datasheet
184Kb / 8P
   MAX7306 Evaluation Kit/Evaluation System
Rev 0; 8/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com