Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4773EUK Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4773EUK
Description  200mA/500mA Selectable Current-Limit Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4773EUK Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4773EUK Datasheet HTML 1Page - Maxim Integrated Products MAX4773EUK Datasheet HTML 2Page - Maxim Integrated Products MAX4773EUK Datasheet HTML 3Page - Maxim Integrated Products MAX4773EUK Datasheet HTML 4Page - Maxim Integrated Products MAX4773EUK Datasheet HTML 5Page - Maxim Integrated Products MAX4773EUK Datasheet HTML 6Page - Maxim Integrated Products MAX4773EUK Datasheet HTML 7Page - Maxim Integrated Products MAX4773EUK Datasheet HTML 8Page - Maxim Integrated Products MAX4773EUK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
200mA/500mA Selectable
Current-Limit Switches
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 3.3V, TA = +25°C, unless otherwise noted.)
10
-40
-15
10
35
60
85
1
0.1
0.01
0.001
0.0001
SHUTDOWN REVERSE LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VON = 0V, VOUT = 4.5V
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
-40
10
-15
356085
NORMALIZED ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
0
200
100
500
400
300
600
700
900
800
1000
0
0.6 0.9
0.3
1.2 1.5 1.8 2.1 2.4 2.7 3.0 3.3
OUTPUT CURRENT
vs. OUTPUT VOLTAGE
VIN - VOUT (V)
VSEL = VIN
VSEL = GND
200
350
300
250
400
450
500
550
600
650
700
FORWARD CURRENT LIMIT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.0
3.0
2.5
3.5
4.0
4.5
OUT = GND
SEL = HIGH
SEL = LOW
SWITCH TURN-ON/OFF TIMES
vs. TEMPERATURE
-40
-15
10
35
60
85
OFF
ON
100
10
1
0.1
0.01
TEMPERATURE (
°C)
ILOAD = 10mA
20
25
35
30
40
45
50
-40
10
-15
35
60
85
FLAG-BLANKING TIMEOUT
vs. TEMPERATURE
TEMPERATURE (
°C)
0V
0V
3V
0V
3V
VIN = 3.3V COUT = 1
µF
CIN = 1
µF VSEL = 3.3V
40
µs/div
VIN
2V/div
VON
2V/div
IOUT
200mA/div
CURRENT-LIMIT RESPONSE
MAX4772/3 toc13
0V
3V
0V
VIN = VON COUT = 1
µF
CIN = 1
µF VSEL = 3.3V
40
µs/div
VIN = VON
1V/div
IOUT
200mA/div
CURRENT-LIMIT RESPONSE
MAX4772/3 toc14
0V
3.3V
3.3V
0V
0V
4
µs/div
VIN
2V/div
VOUT
2V/div
IOUT
5A/div
CURRENT-LIMIT RESPONSE
(OUT SHORTED TO GND)
MAX4772/3 toc15
CIN = 1
µF
COUT = 1
µF


Similar Part No. - MAX4773EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477EPA MAXIM-MAX477EPA Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477ESA MAXIM-MAX477ESA Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477EUA MAXIM-MAX477EUA Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477EUK-T MAXIM-MAX477EUK-T Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
More results

Similar Description - MAX4773EUK

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
   200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4795 MAXIM-MAX4795 Datasheet
234Kb / 9P
   450mA/500mA Current-Limit Switches
Rev 0; 8/03
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX20314 MAXIM-MAX20314 Datasheet
653Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
Rev 0; 6/17
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
2019
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com