Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8634 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8634
Description  Dual 300mA Pin-Programmable LDO Linear Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8634 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8634 Datasheet HTML 1Page - Maxim Integrated Products MAX8634 Datasheet HTML 2Page - Maxim Integrated Products MAX8634 Datasheet HTML 3Page - Maxim Integrated Products MAX8634 Datasheet HTML 4Page - Maxim Integrated Products MAX8634 Datasheet HTML 5Page - Maxim Integrated Products MAX8634 Datasheet HTML 6Page - Maxim Integrated Products MAX8634 Datasheet HTML 7Page - Maxim Integrated Products MAX8634 Datasheet HTML 8Page - Maxim Integrated Products MAX8634 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Dual 300mA Pin-Programmable LDO
Linear Regulators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 3.7V, SHDN = SHDN1 = SHDN2 = IN, P = P1 = P2 = GND, CIN = 2.2µF, COUT1 = 2.2µF, COUT2 = 2.2µF, CBP = 0.01µF, TA =
-40
°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages refer to GND, unless otherwise noted.)
IN ...........................................................................-0.3V to +6.0V
SHDN, SHDN1, SHDN2, RESET,
P, P1, P2, BP, OUT1, OUT2 .....................-0.3V to (VIN + 0.3V)
Continuous Output Short-Circuit Duration..................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin µDFN 2mm x 2mm
(derate 4.8mW/°C above +70°C) .................................380mW
8-Pin TDFN 3mm x 3mm
(derate 23.8mW/°C above +70°C) .............................1904mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.7
5.5
V
Input Undervoltage
Lockout
VUVLO
VIN rising; hysteresis = 95mV (typ)
2.15
2.25
2.35
V
IOUT_ = 0mA
54
75
IOUT_ = 100mA
60
Ground Current
IQ
IOUT_ = 10mA, dropout (Note 2)
60
µA
TA = +25
°C
0.005
1
Shutdown Supply
Current
IOFF
SHDN_ = GND
TA = +85
°C
0.01
µA
OUT1, OUT2
IOUT_ = 70mA; TA = +25
°C
-0.7
+0.7
IOUT_ = 70mA
-1
+1
Output Voltage
Accuracy (for Any
Output Voltage)
IOUT_ = 0.1mA to 300mA; VIN = (VOUT_ + 0.5V) to
5.5V
-1.8
+1.7
%
Current Limit
ILIM
OUT_ = 0V
400
500
600
mA
Drop-Out Voltage
VIN - VOUT
VOUT_ = 2.8V (MAX8633);
VOUT_ = 2.85V (MAX8634/MAX8635/MAX8636);
IOUT_ = 100mA (Note 2)
90
200
mV
MAX8633
MAX8635
450
Output Noise
f = 10Hz to 100kHz;
IOUT_ = 10mA
MAX8634
MAX8636
45
µVRMS
f < 1kHz
60
Output AC Power-
Supply Rejection
Ratio
PSRR
IOUT_ = 30mA
f < 10kHz
55
dB


Similar Part No. - MAX8634

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX863 MAXIM-MAX863 Datasheet
194Kb / 16P
   Dual, High-Efficiency, PFM, Step-Up DC-DC Controller
Rev 1; 6/97
MAX8630 MAXIM-MAX8630 Datasheet
248Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8630W MAXIM-MAX8630W Datasheet
242Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8630WETD15+T MAXIM-MAX8630WETD15+T Datasheet
248Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8630XEVKIT MAXIM-MAX8630XEVKIT Datasheet
101Kb / 4P
   MAX8630X Evaluation Kit
Rev 0; 9/08
More results

Similar Description - MAX8634

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Global Mixed-mode Techn...
G9093 GMT-G9093 Datasheet
33Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9293 GMT-G9293 Datasheet
74Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
G9092 GMT-G9092 Datasheet
42Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9294 GMT-G9294 Datasheet
50Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com