Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4735 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4735
Description  Low-Voltage, 0.31OHM, Quad-SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4735 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4735 Datasheet HTML 1Page - Maxim Integrated Products MAX4735 Datasheet HTML 2Page - Maxim Integrated Products MAX4735 Datasheet HTML 3Page - Maxim Integrated Products MAX4735 Datasheet HTML 4Page - Maxim Integrated Products MAX4735 Datasheet HTML 5Page - Maxim Integrated Products MAX4735 Datasheet HTML 6Page - Maxim Integrated Products MAX4735 Datasheet HTML 7Page - Maxim Integrated Products MAX4735 Datasheet HTML 8Page - Maxim Integrated Products MAX4735 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Low-Voltage, 0.31
Ω, Quad-SPDT Analog Switch
_______________________________________________________________________________________
3
Note 2: Devices are 100% tested at TA = +85°C. Limits across the full temperature range are guaranteed by design and correlation.
Note 3: RON and RON matching specifications are guaranteed by design for MAX4735ETE only.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance, as measured over the
specified analog signal ranges.
Note 6: Guaranteed by design, not production tested.
Note 7: Off-isolation = 20log10 [VCOM_ / (VNO_ or VNC_)], VCOM_ = output, VNO_ or VNC_ = input to off switch.
Note 8: Between any two switches.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.7V to 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 3V, TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
TA = +25°C
40
200
Turn-On Time
tON
VCC = 2.7V,
VNO_ or VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 1
TA = TMIN to TMAX
200
ns
TA = +25°C
20
180
Turn-Off Time
tOFF
VCC = 2.7V,
VNO_ or VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 1
TA = TMIN to TMAX
180
ns
TA = +25°C
2
15
Break-Before-Make Time
tBBM
VCC = 2.7V,
VNO_ or VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 2 (Note 6)
TA = TMIN to TMAX
2
ns
Charge Injection
Q
VGEN = 0V, RGEN = 0
Ω, CL = 1nF, Figure 3
100
pC
On-Channel Bandwidth
-3dB
BW
RL = 50
Ω, Figure 4
20
MHz
Off-Isolation
VISO
VCOM_ = 1VRMS, RL = 50
Ω, f = 100kHz,
CL = 5pF, Figure 4 (Note 7)
-66
dB
Crosstalk
VCT
VCOM_ = 1VRMS, RL = 50
Ω, f = 100kHz,
CL = 5pF, Figure 4 (Note 8)
-86
dB
Total Harmonic Distortion
Plus Noise
THD+N
f = 20Hz to 20kHz; VNC_, VNO_,
VCOM_ = 0.5VP-P; RL = 32
0.02
%
NC_ or NO_ Off-
Capacitance
CNC_(OFF),
CNO_(OFF)
f = 1MHz, VNO_ = VNC_ = VCOM_ = 1.5V,
Figure 5
70
pF
COM_ On-Capacitance
CCOM_(ON)
f = 1MHz, VNO_ = VNC_ = VCOM_ = 1.5V,
Figure 5
250
pF
Power-Supply Rejection
Ratio
PSRR
VAC = 100mVP-P, VCOM_ = 1.5V, RL = 50
Ω,
f = 100kHz
-34
dB
DIGITAL INPUTS (INA,
Input-Logic High
VIH
1.4
V
Input-Logic Low
VIL
0.5
V
Input Leakage Current
IIN
VIN_ = 0 or VCC
±200
nA


Similar Part No. - MAX4735

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX473-MAX475 MAXIM-MAX473-MAX475 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX4730 MAXIM-MAX4730 Datasheet
212Kb / 9P
   Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
MAX4730ELT+T MAXIM-MAX4730ELT+T Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
MAX4730ELT-T MAXIM-MAX4730ELT-T Datasheet
212Kb / 9P
   Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
More results

Similar Description - MAX4735

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX394 MAXIM-MAX394_08 Datasheet
219Kb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699 Datasheet
445Kb / 10P
   0.5廓, Low Voltage Quad, SPDT Analog Switch
logo
Integrated Device Techn...
IDTAS3699A IDT-IDTAS3699A Datasheet
256Kb / 13P
   0.5廓 LOW VOLTAGE, QUAD SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
   Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
logo
Union Semiconductor, In...
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
   Low-Voltage SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com