Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8636 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8636
Description  Dual 300mA Pin-Programmable LDO Linear Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8636 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8636 Datasheet HTML 2Page - Maxim Integrated Products MAX8636 Datasheet HTML 3Page - Maxim Integrated Products MAX8636 Datasheet HTML 4Page - Maxim Integrated Products MAX8636 Datasheet HTML 5Page - Maxim Integrated Products MAX8636 Datasheet HTML 6Page - Maxim Integrated Products MAX8636 Datasheet HTML 7Page - Maxim Integrated Products MAX8636 Datasheet HTML 8Page - Maxim Integrated Products MAX8636 Datasheet HTML 9Page - Maxim Integrated Products MAX8636 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Dual 300mA Pin-Programmable LDO
Linear Regulators
6
_______________________________________________________________________________________
Pin Description
PIN
MAX8633
MAX8634
MAX8635
MAX8636
NAME
FUNCTION
11
11
IN
Regulator Input. Supply voltage from 2.7V to 5.5V.
Bypass IN with a ceramic capacitor of at least 2.2µF to
GND (see the Capacitor Selection and Regulator
Stability section).
2—
2
SHDN
Shutdown Input, Active Low. Drive SHDN logic low to
shut down both regulators. Connect SHDN to IN or drive
logic high for normal operation (see the Power-On
Sequence (MAX8633/Max8636 Only) section).
—2
2
SHDN1
LDO1 Shutdown Input, Active Low. Drive SHDN1 logic
low to shut down OUT1. Connect SHDN1 to IN or drive
logic high for normal operation.
—3
5
SHDN2
LDO2 Shutdown Input, Active Low. Drive SHDN2 logic
low to shut down OUT2. Connect SHDN2 to IN or drive
logic high for normal operation.
3—
3
3
P2
Programming Input 2. The state of P1 and P2 selects
one of nine output-voltage options (see Tables 1, 3).
4—
4
4
P1
Programming Input 1. The state of P1 and P2 selects
one of nine output-voltage options (see Tables 1, 3).
—4
——
P
Programming Input. The state of P selects one of three
output-voltage options for the MAX8634 (see Table 2).
5—
RESET
Reset Output, Active Low, Open Drain. RESET goes high
impedance 120ms (min) after VOUT2 rises above 87% of
the nominal output voltage. RESET is forced logic low
when VOUT2 is below 82.5% of the nominal output
voltage. Connect RESET to OUT1, OUT2, or another
voltage of VIN or lower with a pullup resistor.
—5—5
BP
Reference Noise Bypass. Bypass BP to GND with a
0.01µF ceramic capacitor to reduce output noise.
6
6
6
6
GND
Ground
7
7
7
7
OUT2
Regulator 2 Output. Guaranteed 300mA output current
(see the Calculating Maximum Output Power section).
Bypass OUT2 with a ceramic capacitor of at least 2.2µF
to GND (see the Capacitor Selection and Regulator
Stability section).
8
8
8
8
OUT1
Regulator 1 Output. Guaranteed 300mA output current
(see the Calculating Maximum Output Power section).
Bypass OUT1 with a ceramic capacitor of at least 2.2µF
to GND (see the Capacitor Selection and Regulator
Stability section).
EP*
EP*
EP*
EP*
EP
Exposed Paddle. Solder the exposed paddle to a large
pad or circuit-board ground plane to increase thermal
dissipation.
*
TDFN package only.


Similar Part No. - MAX8636

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX863 MAXIM-MAX863 Datasheet
194Kb / 16P
   Dual, High-Efficiency, PFM, Step-Up DC-DC Controller
Rev 1; 6/97
MAX8630 MAXIM-MAX8630 Datasheet
248Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8630W MAXIM-MAX8630W Datasheet
242Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8630WETD15+T MAXIM-MAX8630WETD15+T Datasheet
248Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8630XEVKIT MAXIM-MAX8630XEVKIT Datasheet
101Kb / 4P
   MAX8630X Evaluation Kit
Rev 0; 9/08
More results

Similar Description - MAX8636

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Global Mixed-mode Techn...
G9093 GMT-G9093 Datasheet
33Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
   Dual, 300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9293 GMT-G9293 Datasheet
74Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
G9092 GMT-G9092 Datasheet
42Kb / 2P
   Dual, 300mA Low-Dropout Linear Regulators
G9294 GMT-G9294 Datasheet
50Kb / 3P
   Dual, 300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com