Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1727 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1727
Description  RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1727 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1727_04 Datasheet HTML 1Page - STMicroelectronics SD1727_04 Datasheet HTML 2Page - STMicroelectronics SD1727_04 Datasheet HTML 3Page - STMicroelectronics SD1727_04 Datasheet HTML 4Page - STMicroelectronics SD1727_04 Datasheet HTML 5Page - STMicroelectronics SD1727_04 Datasheet HTML 6Page - STMicroelectronics SD1727_04 Datasheet HTML 7Page - STMicroelectronics SD1727_04 Datasheet HTML 8Page - STMicroelectronics SD1727_04 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
June 2004
SD1727 (THX15)
RF POWER BIPOLAR TRANSISTORS
HF SSB APPLICATIONS
REV. 2
FEATURES SUMMARY
OPTIMIZED FOR SSB
30 MHz
50 VOLTS
IMD –30 dB
COMMON EMITTER
GOLD METALLIZATION
POUT = 150 W PEP MIN. WITH 14 dB GAIN
DESCRIPTION
The SD1727 is a 50 V epitaxial silicon NPN planar
transistor designed primarily for SSB communica-
tions. This device utilizes emitter ballasting to
achieve extreme ruggedness under severe oper-
ating conditions.
Figure 1. Package
Figure 2. Pin Connection
Table 1. Order Codes
.500 4L FL (M164)
epoxy sealed
1. Collector
3. Base
2. Emitter
4. Emitter
Order Codes
Marking
Package
Packaging
SD1727 (THX15)
SD1727
M164
BLACK CARDBOARDS
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - SD1727_04

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD1727 DIODES-SD1727_04 Datasheet
398Kb / 9P
   RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
More results

Similar Description - SD1727_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1731 STMICROELECTRONICS-SD1731_04 Datasheet
364Kb / 9P
   RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
logo
Diodes Incorporated
SD1727 DIODES-SD1727_04 Datasheet
398Kb / 9P
   RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
   RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com