Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4020BP39A0160 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 4020BP39A0160
Description  4.02 GHz Band Pass Filter (UWB High Rejection BPF)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

4020BP39A0160 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  4020BP39A0160 Datasheet HTML 1Page - Johanson Technology Inc. 4020BP39A0160 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Preliminary
4.02 GHz Band Pass Filter (UWB High Rejection BPF)
P/N 4020BP39A0160
Detail Specification: 11/07/08
Page 1 of 2
General Specifications
Part Number
4020BP39A0160
Impedance
50 Ω
Frequency (MHz)
3940 - 4100
Input Power
500 mW max.
Insertion Loss
4 dB max.
Operating Temperature
-40 to +85°C
Return Loss
20.8 dB min.
Attenuation (min.)
< 2540 MHz
Attenuation (min.)
3480 MHz
Reel Quanity
Attenuation (min.)
4560 MHz
MSL
2 *
Attenuation (min.)
5150 - 5350 MHz
Mechanical Dimensions
Terminal Configuration
In
mm
No.
Function
L
±±
1
GND
W
±±
2
OUT
T
±±
3
GND
a
±±
4
IN
b
±±
c
±±
Mounting Considerations
Mount these devices with brown mark facing up.
* Line width should be designed to provide 50Ω impedance matching characteristics.
Units: mm
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2007 Johanson Technology, Inc. All Rights Reserved
0.012
1.10
0.008
0.043
0.30
0.004
0.20
0.012
0.30
0.024
0.008
0.60
0.008
0.20
0.098
2.50
0.008
2.00
0.079
0.008
0.20
0.20
+5 ~ +35°C, Humidity
45~75%RH, 12 mos. Max
0.10
34 dB
14 dB
34 dB
3,000
0.20
14 dB
Storage Temperature
* - 1 yr shelf life in bag; 1 week shelf life out of bag;
Vacuum reseal unused reel
c
L
W
T
a
b
Land
Solder Resist
Through-hole ( ø 0.35)
**
2.50
1.40
0.6
1.9
1.0
1.05
1
2
3
4
High Frequency Ceramic Solutions


Similar Part No. - 4020BP39A0160

ManufacturerPart #DatasheetDescription
logo
Heyco.
4020B HEYCO-4020B Datasheet
95Kb / 1P
   EPDM Snap-In Liquid Tight Bushings
More results

Similar Description - 4020BP39A0160

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
3480BP39A0140 JOHANSON-3480BP39A0140 Datasheet
125Kb / 2P
   3.48 GHz Band Pass Filter (UWB High Rejection BPF)
4560BP39A0180 JOHANSON-4560BP39A0180 Datasheet
133Kb / 2P
   4.56 GHz Band Pass Filter (UWB High Rejection BPF)
6120BP39A0240 JOHANSON-6120BP39A0240 Datasheet
127Kb / 2P
   6.12 GHz Band Pass Filter (UWB High Rejection BPF)
5130BP18U4060 JOHANSON-5130BP18U4060 Datasheet
130Kb / 2P
   UWB (3.1 - 7.16 GHz) Band Pass Filter
logo
TDK Electronics
DEA453960BT-3002B1 TDK-DEA453960BT-3002B1 Datasheet
57Kb / 3P
   TDK/Band Pass Filter for UWB
logo
Johanson Technology Inc...
5697CR45A0360 JOHANSON-5697CR45A0360 Datasheet
186Kb / 5P
   5.67GHz High Rejection UNII-High, Band Pass Filter
5235CR45A0180 JOHANSON-5235CR45A0180 Datasheet
198Kb / 5P
   5.24GHz High Rejection UNII-low Band Pass Filter
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
5515BP15C725E JOHANSON-5515BP15C725E Datasheet
112Kb / 2P
   5.5 GHz Band Pass Filter
2150BP39A0100 JOHANSON-2150BP39A0100 Datasheet
251Kb / 2P
   2.15 GHz Band Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com