Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3307 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # CPH3307
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3307 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  CPH3307 Datasheet HTML 1Page - Sanyo Semicon Device CPH3307 Datasheet HTML 2Page - Sanyo Semicon Device CPH3307 Datasheet HTML 3Page - Sanyo Semicon Device CPH3307 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPH3307
No.6996-3/4
0.1
yfs -- ID
IT03468
IT03470
IT03472
IT03474
IT03469
IT03471
IT03473
--0.01
5
7
3
2
2
1.0
10
3
5
7
2
23
5
7 --0.1
--1.0
2
3
57
2
3
57 --10
SW Time -- ID
--0.1
5
7
7
3
2
5
3
2
10
100
5
23
5
7
--1.0
23
5
7
--10
0
VGS -- Qg
0
4.0
3.0
3.5
2.5
2.0
1.5
1.0
0.5
12345678
0
PD -- Ta
0
1.2
1.4
1.0
0.8
0.6
0.4
0.2
20
40
60
80
100
120
140
160
--0.01
IF -- VSD
--0.3
--10
--1.0
5
7
2
3
5
7
3
2
--0.1
3
5
7
2
--0.4
--0.5
--0.6
--0.7
--0.8
--0.9
--1.0
Ciss, Coss, Crss -- VDS
0
3
2
3
2
100
1000
7
5
7
5
--2
--4
--6
--8
--10
--12
--14
--16
--18
--20
--0.01
--0.1
A S O
--0.01
7
5
3
2
--1.0
7
5
3
2
--10
7
5
3
2
3
2
23
5 7 --0.1 23
5 7--1.0
23
5 7 --10
23
5
t r
td(off)
DC
Operation
10ms
100ms
Ta
= -
-25
°C
25
°C
75
°C
VDS= --10V
VGS=0
VDD= --10V
VGS= --4V
td(on)
tf
Crss
Coss
VDS= --10V
ID= --3A
IDP= --12A
ID= --3A
<10
µs
1ms
Operation in this area
is limited by RDS(on).
Ciss
f=1MHz
0
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Ambient Temperature, Ta --
°C
Ta=25
°C
Single pulse
Mounted on a ceramic board(900mm2!0.8mm)
Mounted
on
a
ceramic
board(900mm
2!
0.8mm)


Similar Part No. - CPH3307

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3303 SANYO-CPH3303 Datasheet
142Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3305 SANYO-CPH3305 Datasheet
33Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3306 SANYO-CPH3306 Datasheet
42Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
More results

Similar Description - CPH3307

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com