Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9324EUP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9324EUP
Description  One-to-Five LVPECL/LVCMOS Output Clock and Data Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9324EUP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9324EUP Datasheet HTML 3Page - Maxim Integrated Products MAX9324EUP Datasheet HTML 4Page - Maxim Integrated Products MAX9324EUP Datasheet HTML 5Page - Maxim Integrated Products MAX9324EUP Datasheet HTML 6Page - Maxim Integrated Products MAX9324EUP Datasheet HTML 7Page - Maxim Integrated Products MAX9324EUP Datasheet HTML 8Page - Maxim Integrated Products MAX9324EUP Datasheet HTML 9Page - Maxim Integrated Products MAX9324EUP Datasheet HTML 10Page - Maxim Integrated Products MAX9324EUP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SEOUT_Z
SEOUT_Z enables/disables the single-ended LVCMOS
output (Table 1). Connect SEOUT_Z to GND to enable
the single-ended output. Connect SEOUT_Z to VCC to
force the single-ended output to a high-impedance
state. SEOUT provides a single-ended monitor for oper-
ating frequencies as high as 200MHz.
Applications Information
Output Termination
Terminate both outputs of each differential pair through
50
Ω to (VCC - 2V) or use an equivalent Thevenin termi-
nation. Use identical termination on each output for the
lowest output-to-output skew. Terminate both outputs
when deriving a single-ended signal from a differential
output. For example, using Q0 as a single-ended out-
put requires termination for both Q0 and Q0.
One-to-Five LVPECL/LVCMOS Output Clock and
Data Driver
_______________________________________________________________________________________
7
CLK
CLK_EN
DISABLED
ENABLED
Q_
SEOUT
SEOUT_Z
CLK
Q_
HIGH
IMPEDANCE
Figure 2. MAX9324 CLK_EN Timing Diagram
INPUTS
OUTPUTS
CLK_EN
SEOUT_Z
Q0–Q3
Q
Q
Q
Q00
0
0–Q
Q
Q
Q33
3
3
SEOUT
0
0
Disabled, pulled to logic low
Disabled, pulled to logic high
Enabled, logic low
0
1
Disabled, pulled to logic low
Disabled, pulled to logic high
Disabled, high impedance
1
0
Enabled
Enabled
Enabled
1
1
Enabled
Enabled
Disabled, high impedance
Table 1. Control Input Table


Similar Part No. - MAX9324EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX932 MAXIM-MAX932 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
MAX9320 MAXIM-MAX9320 Datasheet
196Kb / 9P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
MAX9320 MAXIM-MAX9320 Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
MAX9320A MAXIM-MAX9320A Datasheet
196Kb / 9P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
MAX9320A MAXIM-MAX9320A Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
More results

Similar Description - MAX9324EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9323 MAXIM-MAX9323 Datasheet
272Kb / 11P
   One-to-Four LVCMOS-to-LVPECL Output Clock and Data Driver
19-2575; Rev 0; 10/02
logo
Integrated Device Techn...
5P49V5908 IDT-5P49V5908 Datasheet
516Kb / 30P
   One reference LVCMOS output clock
logo
Cypress Semiconductor
CY2XP24 CYPRESS-CY2XP24_11 Datasheet
404Kb / 12P
   Crystal to LVPECL Clock Generator One LVPECL Output Pair
CY2XP22 CYPRESS-CY2XP22_11 Datasheet
281Kb / 10P
   Crystal to LVPECL Clock Generator One LVPECL output pair
logo
Pericom Semiconductor C...
PI6C41202 PERICOM-PI6C41202 Datasheet
110Kb / 11P
   LVCMOS to LVPECL Driver
logo
Integrated Circuit Syst...
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
   LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Renesas Technology Corp
ICS843404 RENESAS-ICS843404 Datasheet
479Kb / 20P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
2006
logo
Integrated Circuit Syst...
ICS843404 ICST-ICS843404 Datasheet
246Kb / 19P
   LVCMOS/CRYSTAL-TO-3.3V LVPECL AND LVDS CLOCK GENERATOR
logo
Raltron Electronics Cor...
SY02-MFTC RALTRON-SY02-MFTC Datasheet
296Kb / 5P
   LOW IN/OUTPUT FREQUENCY CLOCK REGENERATOR LVPECL/LVCMOS OUTPUT
logo
Integrated Device Techn...
843N001I IDT-843N001I Datasheet
315Kb / 20P
   Low Voltage, LVCMOS/LVPECL-to-LVPECL/ECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com