Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8596XETA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8596XETA
Description  High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8596XETA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8596XETA Datasheet HTML 2Page - Maxim Integrated Products MAX8596XETA Datasheet HTML 3Page - Maxim Integrated Products MAX8596XETA Datasheet HTML 4Page - Maxim Integrated Products MAX8596XETA Datasheet HTML 5Page - Maxim Integrated Products MAX8596XETA Datasheet HTML 6Page - Maxim Integrated Products MAX8596XETA Datasheet HTML 7Page - Maxim Integrated Products MAX8596XETA Datasheet HTML 8Page - Maxim Integrated Products MAX8596XETA Datasheet HTML 9Page - Maxim Integrated Products MAX8596XETA Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
High-Efficiency, 36V Step-Up Converters
with TA Derating Option for 2 to 9 White LEDs
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
10 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2006 Maxim Integrated Products
is a registered trademark of Maxim Integrated Products, Inc.
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)
COMMON DIMENSIONS
SYMBOL
MIN.
MAX.
A
0.70
0.80
D
2.90
3.10
E
2.90
3.10
A1
0.00
0.05
L
0.20
0.40
PKG. CODE
N
D2
E2
e
JEDEC SPEC
b
[(N/2)-1] x e
PACKAGE VARIATIONS
0.25 MIN.
k
A2
0.20 REF.
2.30±0.10
1.50±0.10
6
T633-1
0.95 BSC
MO229 / WEEA
1.90 REF
0.40±0.05
1.95 REF
0.30±0.05
0.65 BSC
2.30±0.10
8
T833-1
2.00 REF
0.25±0.05
0.50 BSC
2.30±0.10
10
T1033-1
2.40 REF
0.20±0.05
- - - -
0.40 BSC
1.70±0.10
2.30±0.10
14
T1433-1
1.50±0.10
1.50±0.10
MO229 / WEEC
MO229 / WEED-3
0.40 BSC
- - - -
0.20±0.05
2.40 REF
T1433-2
14
2.30±0.10
1.70±0.10
T633-2
6
1.50±0.10
2.30±0.10
0.95 BSC
MO229 / WEEA
0.40±0.05
1.90 REF
T833-2
8
1.50±0.10
2.30±0.10
0.65 BSC
MO229 / WEEC
0.30±0.05
1.95 REF
T833-3
8
1.50±0.10
2.30±0.10
0.65 BSC
MO229 / WEEC
0.30±0.05
1.95 REF
-DRAWING NOT TO SCALE-
H
2
2
21-0137
PACKAGE OUTLINE, 6,8,10 & 14L,
TDFN, EXPOSED PAD, 3x3x0.80 mm
2.30±0.10
MO229 / WEED-3
2.00 REF
0.25±0.05
0.50 BSC
1.50±0.10
10
T1033-2
Revision History
Pages changed at Rev 2: 1, 2, 5–8


Similar Part No. - MAX8596XETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8596XETA MAXIM-MAX8596XETA Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
MAX8596XETA+T MAXIM-MAX8596XETA+T Datasheet
257Kb / 10P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 2; 7/06
MAX8596XETA-T MAXIM-MAX8596XETA-T Datasheet
257Kb / 10P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 2; 7/06
More results

Similar Description - MAX8596XETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8595 MAXIM-MAX8595 Datasheet
257Kb / 10P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 2; 7/06
MAX8595X-MAX8596X MAXIM-MAX8595X-MAX8596X Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
MAX8595Z MAXIM-MAX8595Z Datasheet
197Kb / 8P
   High-Efficiency, 32V Step-Up Converters with TA Derating Option for 2 to 8 White LEDs
Rev 0; 8/04
MAX8595Z MAXIM-MAX8595Z_V01 Datasheet
624Kb / 8P
   High-Efficiency, 32V Step-Up Converters with TA Derating Option for 2 to 8 White LEDs
2005
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
MAX1561 MAXIM-MAX1561 Datasheet
245Kb / 10P
   High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs
19-2731; Rev 1; 10/03
logo
Anpec Electronics Corop...
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
   High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com