Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8595X Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8595X
Description  High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8595X Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8595X Datasheet HTML 2Page - Maxim Integrated Products MAX8595X Datasheet HTML 3Page - Maxim Integrated Products MAX8595X Datasheet HTML 4Page - Maxim Integrated Products MAX8595X Datasheet HTML 5Page - Maxim Integrated Products MAX8595X Datasheet HTML 6Page - Maxim Integrated Products MAX8595X Datasheet HTML 7Page - Maxim Integrated Products MAX8595X Datasheet HTML 8Page - Maxim Integrated Products MAX8595X Datasheet HTML 9Page - Maxim Integrated Products MAX8595X Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
In applications using large RSENSE, it may be necessary
to add a series resistor (RCOMP) to CCOMP to increase
control loop phase margin. See Figure 2 for details.
The frequency of the zero is given by:
Consult the factory for further information.
PC Board Layout
Due to fast switching waveforms and high-current
paths, careful PC board layout is required. An evalua-
tion kit (MAX8596XEVKIT) is available to speed design.
When laying out a board, minimize trace lengths
between the IC and RSENSE, the inductor, the diode,
the input capacitor, and the output capacitor. Keep
traces short, direct, and wide. Keep noisy traces, such
as the LX node trace, away from CS. The IN bypass
capacitor (CIN) should be placed as close to the IC as
possible. PGND and GND should be connected direct-
ly to the exposed paddle underneath the IC. The
ground connections of CIN and COUT should be as
close together as possible. The traces from IN to the
inductor and from the Schottky diode to the LEDs can
be longer.
Chip Information
TRANSISTOR COUNT: 2143
PROCESS: BiCMOS
f
RC
Z
COMP
COMP
=
××
1
2
π
High-Efficiency, 36V Step-Up Converters
with TA Derating Option for 2 to 9 White LEDs
8
_______________________________________________________________________________________
GND
COMP
RCOMP
CCOMP
Figure 2. Alternative Compensation Circuit


Similar Part No. - MAX8595X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8595X MAXIM-MAX8595X Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
MAX8595X-MAX8596X MAXIM-MAX8595X-MAX8596X Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
MAX8595XETA MAXIM-MAX8595XETA Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
MAX8595XETA+T MAXIM-MAX8595XETA+T Datasheet
257Kb / 10P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 2; 7/06
MAX8595XETA-T MAXIM-MAX8595XETA-T Datasheet
257Kb / 10P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 2; 7/06
More results

Similar Description - MAX8595X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8595 MAXIM-MAX8595 Datasheet
257Kb / 10P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 2; 7/06
MAX8595X-MAX8596X MAXIM-MAX8595X-MAX8596X Datasheet
229Kb / 8P
   High-Efficiency, 36V Step-Up Converters with TA Derating Option for 2 to 9 White LEDs
Rev 0; 11/04
MAX8595Z MAXIM-MAX8595Z Datasheet
197Kb / 8P
   High-Efficiency, 32V Step-Up Converters with TA Derating Option for 2 to 8 White LEDs
Rev 0; 8/04
MAX8595Z MAXIM-MAX8595Z_V01 Datasheet
624Kb / 8P
   High-Efficiency, 32V Step-Up Converters with TA Derating Option for 2 to 8 White LEDs
2005
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
MAX1561 MAXIM-MAX1561 Datasheet
245Kb / 10P
   High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs
19-2731; Rev 1; 10/03
logo
Anpec Electronics Corop...
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
   High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com