Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4709EWE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4709EWE
Description  Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4709EWE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4709EWE Datasheet HTML 1Page - Maxim Integrated Products MAX4709EWE Datasheet HTML 2Page - Maxim Integrated Products MAX4709EWE Datasheet HTML 3Page - Maxim Integrated Products MAX4709EWE Datasheet HTML 4Page - Maxim Integrated Products MAX4709EWE Datasheet HTML 5Page - Maxim Integrated Products MAX4709EWE Datasheet HTML 6Page - Maxim Integrated Products MAX4709EWE Datasheet HTML 7Page - Maxim Integrated Products MAX4709EWE Datasheet HTML 8Page - Maxim Integrated Products MAX4709EWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Fault-Protected, Single 8-to-1/
Dual 4-to-1 Multiplexers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, VA_H = +2.4V, VA_L = +0.8V, VEN = +2.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
FAULT PROTECTION
Power on
-25
+25
Fault-Protected Analog Signal
Range (Notes 3, 4)
VNO_
Power off
+25°C
-40
+40
V
+25°C
-1
+1
COM_ Output Leakage Current,
Supplies On
ICOM_
VNO_ = ±25, VEN = 0
E-10
+10
µA
+25°C
-1
+1
NO_ Input Leakage Current,
Supplies On
INO_
VNO_ = ±25V, VCOM_ = ±10V,
VEN = 0
E-10
+10
µA
+25°C
-1
+1
NO_ Input Leakage Current,
Supplies Off
INO_
VNO_ = ±40V, VCOM = 0,
V+ = 0, V- = 0
E-10
+10
µA
Fault-Trip Threshold
E
V-
- 0.4
V+
+ 0.4
V
±Fault Output Turn-Off Delay
RL = 10k
Ω, VNO_ = ±25V
+25°C
100
ns
±Fault Recovery Time
RL = 10k
Ω, VNO_ = ±25V
+25°C
1.5
µs
LOGIC INPUT (VEN, VA_)
Logic Threshold High
VIH
E2.4
V
Logic Threshold Low
VIL
E0.8
V
Input Leakage Current
IIN
VA_ = 0.8V or 2.4V
E
-1
+1
µA
SWITCH DYNAMIC CHARACTERISTICS
+25°C
160
275
Enable Turn-On Time
tON
VNO_ = ±10V, RL = 1k
Ω,
CL = 35pF, Figure 3 (Note 7)
E
400
ns
+25°C
120
200
Enable Turn-Off Time
tOFF
VNO_ = ±10V, RL = 1k
Ω,
CL = 35pF, Figure 3 (Note 7)
E
250
ns
+25°C
170
350
Transition Time
tTRANS
RL = 1k
Ω, CL = 35pF,
Figure 2 (Note 7)
E
500
ns
0.1%
1
Settling Time
tSETT
VNO_ = 5V, RL = 1k
Ω,
CL = 35pF
0.01%
E
2.5
µs
Break-Before-Make Time Delay
tBBM
VNO_ = ±10V, RL = 1k
Ω, Figure 4
(Note 4)
E10
80
ns
Charge Injection
Q
VNO_ = 0, RS = 0, CL = 1.0nF,
Figure 5
+25°C
0pC
Off-Isolation
VISO
f = 1MHz, VNO_ = 1VRMS, RL = 75
Ω,
CL = 15pF, Figure 6 (Note 8)
+25°C
-70
dB


Similar Part No. - MAX4709EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4709EWE MAXIM-MAX4709EWE Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
More results

Similar Description - MAX4709EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
   High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
logo
Analog Devices
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
   Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com