Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16809 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16809
Description  Integrated 16-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16809 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16809 Datasheet HTML 3Page - Maxim Integrated Products MAX16809 Datasheet HTML 4Page - Maxim Integrated Products MAX16809 Datasheet HTML 5Page - Maxim Integrated Products MAX16809 Datasheet HTML 6Page - Maxim Integrated Products MAX16809 Datasheet HTML 7Page - Maxim Integrated Products MAX16809 Datasheet HTML 8Page - Maxim Integrated Products MAX16809 Datasheet HTML 9Page - Maxim Integrated Products MAX16809 Datasheet HTML 10Page - Maxim Integrated Products MAX16809 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Integrated 16-Channel LED Driver with
Switch-Mode Boost and SEPIC Controller
_______________________________________________________________________________________
7
BOOTSTRAP UVLO vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
0
1
2
3
4
5
6
7
8
9
10
-40
125
VCC RISING
VCC FALLING
HYSTERESIS
25
27
39
31
29
33
35
37
41
-40
-10 5
20
-25
35 50
95
80
110
65
125
STARTUP CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 7.5V
3.5
3.7
4.9
4.1
3.9
4.3
4.5
4.7
5.1
OPERATING SUPPLY CURRENT
vs. TEMPERATURE AFTER STARTUP
(fOSC = fSW = 300kHz)
-40
-10 5
20
-25
35 50
95
80
110
65
125
TEMPERATURE (
°C)
CT = 560pF
4.90
4.94
4.92
5.00
4.98
4.96
5.02
5.04
5.06
5.08
REFERENCE VOLTAGE
vs. TEMPERATURE
-40
-10 5 20
-25
35 50
95
80
110
65
125
TEMPERATURE (
°C)
IREF = 1mA
IREF = 20mA
4.65
4.75
4.70
4.85
4.80
5.00
4.95
4.90
5.05
020
10
30
40
50
60
70
REFERENCE VOLTAGE
vs. REFERENCE LOAD CURRENT
IREF (mA)
4.980
4.984
4.982
4.988
4.986
4.992
4.990
4.994
4.998
4.996
5.000
10
14
16
12
18
20
22
24
26
REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
VCC (V)
IREF = 1mA
450
470
460
500
490
480
510
520
540
530
550
-40
-10 5
-25
20 35 50 65 80 95 110 125
OSCILLATOR FREQUENCY (fOSC)
vs. TEMPERATURE
TEMPERATURE (
°C)
RT = 3.65kΩ
CT = 560pF
7.88
7.90
8.02
7.94
7.92
7.96
7.98
8.00
8.04
-40
-10 5
20
-25
35 50
95
80
110
65
125
OSCILLATOR RT/CT DISCHARGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VRT/CT = 2V
Typical Operating Characteristics
(VCC = +15V, V+ = 3V to 5.5V, RT = 10k
Ω, CT = 3.3nF, VREF = COMP = open, CREF = 0.1μF, VFB = 2V, CS = AGND = PGND = 0V.
Typical values are at TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX16809

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16809 MAXIM-MAX16809 Datasheet
303Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16809ATU++ MAXIM-MAX16809ATU+ Datasheet
303Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16809ATU++ MAXIM-MAX16809ATU+ Datasheet
276Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 3/07
MAX16809EVKIT MAXIM-MAX16809EVKIT Datasheet
551Kb / 17P
   MAX16809 Evaluation Kit
Rev 0; 5/07
MAX16809EVKIT++ MAXIM-MAX16809EVKIT+ Datasheet
551Kb / 17P
   MAX16809 Evaluation Kit
Rev 0; 5/07
More results

Similar Description - MAX16809

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16809 MAXIM-MAX16809_07 Datasheet
276Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 3/07
MAX16807 MAXIM-MAX16807_09 Datasheet
224Kb / 19P
   Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16809 MAXIM-MAX16809 Datasheet
303Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16808 MAXIM-MAX16808 Datasheet
240Kb / 21P
   Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16807 MAXIM-MAX16807_07 Datasheet
295Kb / 21P
   Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 4/07
MAX16838 MAXIM-MAX16838_11 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 4/11
MAX16838 MAXIM-MAX16838_13 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 3; 6/13
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
MAX16838 MAXIM-MAX16838_V01 Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
MAX16838 MAXIM-MAX16838 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 1; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com