Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5461EXT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5461EXT
Description  32-Tap FleaPoT, 2-Wire Digital Potentiometers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5461EXT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5461EXT Datasheet HTML 2Page - Maxim Integrated Products MAX5461EXT Datasheet HTML 3Page - Maxim Integrated Products MAX5461EXT Datasheet HTML 4Page - Maxim Integrated Products MAX5461EXT Datasheet HTML 5Page - Maxim Integrated Products MAX5461EXT Datasheet HTML 6Page - Maxim Integrated Products MAX5461EXT Datasheet HTML 7Page - Maxim Integrated Products MAX5461EXT Datasheet HTML 8Page - Maxim Integrated Products MAX5461EXT Datasheet HTML 9Page - Maxim Integrated Products MAX5461EXT Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
32-Tap FleaPoT, 2-Wire Digital
Potentiometers
6
_______________________________________________________________________________________
Power-On Reset
All parts in this family feature power-on reset (POR) cir-
cuitry that sets the wiper position to midscale at power-
up. By default, the chip is in the increment mode.
Applications Information
The MAX5460–MAX5468 are intended for circuits
requiring digitally controlled adjustable resistance,
such as LCD contrast control, where voltage biasing
adjusts the display contrast.
Controlling a Switch-Mode
LCD Bias Generator
Figure 3 shows an application where the variable resis-
tor is used with a MAX1771 to make an adjustable posi-
tive LCD-bias circuit. The output of the MAX1771 is a
positive voltage that is digitally controlled through the
MAX5461/MAX5464/MAX5467. Similarly, Figure 4
shows the application of the variable resistor in a digi-
tally controlled negative LCD-bias circuit along with the
MAX774/MAX775/MAX776.
Alternative Positive
LCD Bias Control
Alternatively, use an op amp to provide buffering and
gain to the output of the MAX5462/MAX5465/MAX5468.
Connect the mechanical potentiometer to the positive
input of a noninverting op amp (Figure 5) to select a
portion of the input signal by digitally controlling the
wiper terminal. Figure 6 shows a similar circuit for the
MAX5461/MAX5464/MAX5467.
Adjustable Gain
Figure 7 shows how to use the variable resistor to digi-
tally adjust the gain of a noninverting op amp configura-
tion. Connect the MAX5461/MAX5464/MAX5467 in
series with a resistor to ground to form the adjustable
gain control of a noninverting amplifier. The MAX5460–
MAX5468 have a low 5ppm/°C ratiometric tempco that
allows for a very stable adjustable gain configuration
over temperature.
Figure 3. Adjustable Positive LCD Bias
Figure 4. Adjustable Negative LCD Bias
MAX774
MAX775
MAX776
OUT
V+
SHDN
CS
FB
EXT
GND
P
7
8
C2
0.1µF
R3
0.07Ω
R1
R2
RVAR
C1
150µF
6
5
2
3
1
REF
4
Q1
Si9435
1N5822/
MBR340
L1
22µH
C4
*
VIN
C3
0.1µF
VOUT
* MAX774 = 330µF, 10V
MAX775/MAX776 = 120µF, 20V
VOUT(MAX)
=
R2
,
VOUT(MIN)
=
R2
VREF
R1
VREF
R1 + RVAR
VREF - VFB
≥ 5µA (FOR 2% GAIN-SETTING ACCURACY)
R1 + RVAR
MAX5461
MAX5464
MAX5467
MAX1771
VIN = 5V
REF
SHDN
AGND
GND
N
MTD20N03HDL
7
EXT
CS
FB
L1
22µH
D1
1N5817-22
C4
300µF
C5
C3
0.1µF
5
4
6
1
8
3
2
V+
C1
68µF
VOUT = 12V
AT 0.5A
R2
RSENSE
40mΩ
C2
0.1µF
VREF = 1.5V
R1
RVAR
VOUT(MAX)
=
R2
+ 1
VREF
R1
VOUT(MIN)
=
(
R2
) +1
VREF
R1 + RVAR(MAX)
MAX5461
MAX5464
MAX5467


Similar Part No. - MAX5461EXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5461EXT MAXIM-MAX5461EXT Datasheet
264Kb / 10P
   32-Tap FleaPoT?? 2-Wire Digital Potentiometers
Rev 2; 9/02
More results

Similar Description - MAX5461EXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5460 MAXIM-MAX5460 Datasheet
264Kb / 10P
   32-Tap FleaPoT?? 2-Wire Digital Potentiometers
Rev 2; 9/02
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
   32-Tap Digital Potentiometers
logo
Maxim Integrated Produc...
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5432 MAXIM-MAX5432 Datasheet
371Kb / 17P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 1; 12/04
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com