Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5462EXT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5462EXT
Description  32-Tap FleaPoT, 2-Wire Digital Potentiometers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5462EXT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5462EXT Datasheet HTML 1Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 2Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 3Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 4Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 5Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 6Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 7Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 8Page - Maxim Integrated Products MAX5462EXT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
32-Tap FleaPoT, 2-Wire Digital
Potentiometers
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
Pin Description
PIN
MAX5460
MAX5463
MAX5466
MAX5461
MAX5464
MAX5467
MAX5462
MAX5465
MAX5468
NAME
FUNCTION
11
1
VDD
Power Supply
2
2
2
GND
Ground
33
3
U/
D
Up/
Down Control Input. With CS low, a low-to-high
transition increments or decrements the wiper position.
44
4
CS
Chip Select Input. A high-to-low
CS transition
determines the mode: increment if U/
D is high, or
decrement if U/
D is low.
5
6
6
H
High Terminal of Resistor
5
L
Low Terminal of Resistor
5
W
Wiper Terminal of Resistor
-0.10
0
-0.05
0.10
0.05
0.15
0.20
015
20
510
25
30
R-INL ERROR vs. INPUT CODE (50kΩ)
INPUT CODE (DECIMAL)
R-DNL ERROR vs. INPUT CODE (10kΩ)
-0.25
-0.20
-0.10
-0.15
0.05
0.10
0
-0.05
0.15
010
15
5
20
25
30
INPUT CODE (DECIMAL)
-0.15
-0.05
-0.10
0.10
0.05
0
0.25
0.20
0.15
0.30
010
15
5
202530
R-INL ERROR vs. INPUT CODE (10kΩ)
INPUT CODE (DECIMAL)
-0.10
-0.06
-0.08
0
-0.02
-0.04
0.06
0.04
0.02
0.08
010
15
5
202530
R-DNL ERROR vs. INPUT CODE (100kΩ)
INPUT CODE (DECIMAL)
-0.10
-0.04
-0.06
-0.08
0
-0.02
0.08
0.06
0.04
0.02
0.10
0
5
10
15
20
25
30
R-INL ERROR vs. INPUT CODE (100kΩ)
INPUT CODE (DECIMAL)
-0.14
-0.10
-0.12
-0.04
-0.06
-0.08
0.02
0
-0.02
0.04
010
15
520
25
30
R-DNL ERROR vs. INPUT CODE (50kΩ)
INPUT CODE (DECIMAL)


Similar Part No. - MAX5462EXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5462EXT MAXIM-MAX5462EXT Datasheet
264Kb / 10P
   32-Tap FleaPoT?? 2-Wire Digital Potentiometers
Rev 2; 9/02
More results

Similar Description - MAX5462EXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5460 MAXIM-MAX5460 Datasheet
264Kb / 10P
   32-Tap FleaPoT?? 2-Wire Digital Potentiometers
Rev 2; 9/02
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
   32-Tap Digital Potentiometers
logo
Maxim Integrated Produc...
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5432 MAXIM-MAX5432 Datasheet
371Kb / 17P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 1; 12/04
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com