Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5464EXT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5464EXT
Description  32-Tap FleaPoT, 2-Wire Digital Potentiometers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5464EXT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5464EXT Datasheet HTML 1Page - Maxim Integrated Products MAX5464EXT Datasheet HTML 2Page - Maxim Integrated Products MAX5464EXT Datasheet HTML 3Page - Maxim Integrated Products MAX5464EXT Datasheet HTML 4Page - Maxim Integrated Products MAX5464EXT Datasheet HTML 5Page - Maxim Integrated Products MAX5464EXT Datasheet HTML 6Page - Maxim Integrated Products MAX5464EXT Datasheet HTML 7Page - Maxim Integrated Products MAX5464EXT Datasheet HTML 8Page - Maxim Integrated Products MAX5464EXT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
32-Tap FleaPoT, 2-Wire Digital
Potentiometers
_______________________________________________________________________________________
3
0
200
100
400
300
600
500
700
02.0
1.0
3.0
4.0
0.5
2.5
1.5
3.5
4.5 5.0
WIPER RESISTANCE vs. WIPER VOLTAGE
(MAX5460–MAX5465)
WIPER VOLTAGE (V)
VDD = +2.7V
VDD = +5V
0
40
20
80
60
120
100
140
180
160
200
0
1.0 1.5 2.0
0.5
2.5 3.0 3.5
4.5
4.0
5.0
WIPER RESISTANCE vs. WIPER VOLTAGE
(MAX5466/MAX5467/MAX5468)
WIPER VOLTAGE (V)
VDD = +2.7V
VDD = +5V
-0.25
-0.15
-0.20
-0.05
-0.10
0.05
0
0.10
-40
10
-15
35
60
85
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE
TEMPERATURE (°C)
10kΩ
50kΩ, 100kΩ
0
40
20
80
60
100
120
13579 11 13 15 17 19 21 23 25 27 29 31
W-TO-L RESISTANCE
vs. TAP POSITION
TAP POSITION
100kΩ
50kΩ
10kΩ
0.00
0.15
0.10
0.05
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-40
10
-15
356085
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VDD = +5V
VDD = +2.7V
U/D
2V/div
OUTPUT
W
100mV/div
200ns/div
TAP-TO-TAP SWITCHING TRANSIENT
(MAX5460)
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
Note 1: Up/Down Toggle Rate:
Note 2: Typical settling times are dependent on end-to-end resistance.
Note 3: Supply current taken while changing wiper tap, fTOGGLE = 1MHz.
Note 4: Supply current taken while wiper position is fixed.
f
t
TOGGLE
SETTLE
=
1
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.5V, VH = VDD, VL = 0, TA = -40°C to +85°C. Typical values are at VDD = +2.7V, TA = +25°C, unless
otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Supply Voltage
VDD
2.7
5.5
V
Active Supply Current (Note 3)
IDD
25
µA
Standby Supply Current (Note 4)
ISD
VDD = +5V
0.3
1
µA


Similar Part No. - MAX5464EXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5464EXT MAXIM-MAX5464EXT Datasheet
264Kb / 10P
   32-Tap FleaPoT?? 2-Wire Digital Potentiometers
Rev 2; 9/02
More results

Similar Description - MAX5464EXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5460 MAXIM-MAX5460 Datasheet
264Kb / 10P
   32-Tap FleaPoT?? 2-Wire Digital Potentiometers
Rev 2; 9/02
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
   32-Tap Digital Potentiometers
logo
Maxim Integrated Produc...
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5432 MAXIM-MAX5432 Datasheet
371Kb / 17P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 1; 12/04
logo
ON Semiconductor
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com