Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2450CF15A0100 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 2450CF15A0100
Description  2.45GHz Directional Coupler/ Low Pass Filter Combination
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

2450CF15A0100 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  2450CF15A0100 Datasheet HTML 1Page - Johanson Technology Inc. 2450CF15A0100 Datasheet HTML 2Page - Johanson Technology Inc. 2450CF15A0100 Datasheet HTML 3Page - Johanson Technology Inc. 2450CF15A0100 Datasheet HTML 4Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.45GHz Directional Coupler/ Low Pass Filter Combination
P/N 2450CF15A0100
Detail Specification: 12/11/08
Page 1 of 4
General Specifications
Part Number
2450CF15A0100
Impedance
50 Ω
Frequency (MHz)
2400 - 2500
Operating Temperature
-40 to +85°C
Insertion Loss
0.8 dB max.
Storage Temperature
-40 to +85°C
Return Loss
20 dB min.
Reel Quanity
Attenuation (min.)
20 dB @ 2 x Fo
Coupling
15 ± 1 dB
Isolation
22 dB min.
Packaging
Bulk
Suffix = S
Eg. 2450CF15A0100S
No.
Function
P/N
Style
T & R
Suffix = E
Eg. 2450CF15A0100E
1
Termination
Suffix Termination
100% Tin
Suffix = None
Eg. 2450CF15A0100(E or S)
2
GND
Style
Tin / Lead
Suffix = /Pb
Eg. 2450CF15A0100(E or S)/Pb
3
GND
4
Input
Mechanical Dimensions
5
Coupled Out
In
mm
6
GND
L
±±
7
GND
W
±±
8
Output
T
±±
a
±±
b
±±
c
g
±±
p
±±
Mounting Considerations
Mount these devices with brown mark facing up.
Line width should be designed to provide 50 ohm impedance, depending on PCB material and thickness
Units: mils
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
0.10
0.004
0.10
+.004/-.008
+0.1/-0.2
0.004
0.004
0.30
1.25
0.05
0.027
0.004
0.70
0.10
0.10
0.35
0.20
0.10
0.049
0.026
0.002
0.65
0.012
0.30
0.012
0.008
0.014
0.004
High Frequency Ceramic Solutions
0.004
0.079
2.00
0.10
4,000
Terminal Configuration
ap
gb
T
Land
Solder Resist
Through-hole ( 12 mil diameter)
1
2
3
56
7
4
8
L
W
c
a
66
112
14
12
14


Similar Part No. - 2450CF15A0100

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450CH15A0100 JOHANSON-2450CH15A0100 Datasheet
260Kb / 3P
   Splitter, 3dB Hybrid; 2400 - 2500 MHz
logo
Honeywell Solid State E...
2450CM HONEYWELL-2450CM Datasheet
3Mb / 73P
   Commercial Switches and Sensors
logo
Johanson Technology Inc...
2450CP14A100 JOHANSON-2450CP14A100 Datasheet
194Kb / 2P
   2450 MHz Directional Coupler
2450CP14B100 JOHANSON-2450CP14B100 Datasheet
220Kb / 2P
   2450 MHz Directional Coupler
2450CP14B100E JOHANSON-2450CP14B100E Datasheet
220Kb / 2P
   2450 MHz Directional Coupler
More results

Similar Description - 2450CF15A0100

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0910CF15B0100 JOHANSON-0910CF15B0100 Datasheet
247Kb / 4P
   910 MHz Directional Coupler/ Low Pass Filter Combination
0898CF15A035 JOHANSON-0898CF15A035_09 Datasheet
122Kb / 2P
   898 MHz Directional Coupler/ Low Pass Filter Combination
5300CF15A0950 JOHANSON-5300CF15A0950 Datasheet
129Kb / 4P
   5.3 GHz Directional Coupler/ Low Pass Filter Combination
2450BP15N0100 JOHANSON-2450BP15N0100 Datasheet
120Kb / 2P
   2.45GHz Low Profile Band Pass Filter
2450FB39C100 JOHANSON-2450FB39C100 Datasheet
122Kb / 2P
   2.45GHz Balun/Filter Combination
2600CF15A0200 JOHANSON-2600CF15A0200 Datasheet
140Kb / 4P
   2.6 GHz Directional Coupler / Filter Combination
logo
Abracon Corporation
ADFC18-245000-A-T ABRACON-ADFC18-245000-A-T Datasheet
803Kb / 2P
   SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC15-2450-00-A-T ABRACON-ADFC15-2450-00-A-T Datasheet
834Kb / 2P
   SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC18-2450.00-A-T ABRACON-ADFC18-2450.00-A-T Datasheet
803Kb / 2P
   SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC15-245000-A-T ABRACON-ADFC15-245000-A-T Datasheet
834Kb / 2P
   SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com