Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5184ETG Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5184ETG
Description  10-Bit, 40MHz, Current/Voltage-Output DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5184ETG Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5184ETG Datasheet HTML 1Page - Maxim Integrated Products MAX5184ETG Datasheet HTML 2Page - Maxim Integrated Products MAX5184ETG Datasheet HTML 3Page - Maxim Integrated Products MAX5184ETG Datasheet HTML 4Page - Maxim Integrated Products MAX5184ETG Datasheet HTML 5Page - Maxim Integrated Products MAX5184ETG Datasheet HTML 6Page - Maxim Integrated Products MAX5184ETG Datasheet HTML 7Page - Maxim Integrated Products MAX5184ETG Datasheet HTML 8Page - Maxim Integrated Products MAX5184ETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
10-Bit, 40MHz, Current/Voltage-Output DACs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = 3V, VAGND = VDGND = 0V, fCLK = 40MHz, IFS = 1mA, 400Ω differential output, CL = 5pF, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25°C.)
Note 1: Excludes reference and reference resistor (MAX5184) tolerance.
TIMING CHARACTERISTICS
Output Voltage Temperature
Drift
TCVREF
50
ppm/°C
Reference Supply Rejection
0.5
mV/V
Current Gain (IFS / IREF)
8
mA/mA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Digital Supply Current
IDVDD
4.2
5.0
mA
Digital Power-Supply Voltage
DVDD
2.7
3.3
V
Analog Supply Current
IAVDD
1.7
4.0
mA
Analog Power-Supply Voltage
AVDD
2.7
3.3
V
Standby Current
ISTANDBY
1.0
1.5
mA
Shutdown Current
ISHDN
0.5
1
µA
Digital Input Voltage High
VIH
2
V
Output Voltage Range
VREF
1.12
1.2
1.28
V
Reference Output Drive
Capability
IREFOUT
10
µA
Digital Input Voltage Low
VIL
0.8
V
Digital Input Current
IIN
±1
µA
Digital Input Capacitance
CIN
10
pF
DAC DATA to CLK Rise Setup
Time
tDS
10
ns
DAC CLK Rise to DATA Hold
Time
tDH
0
ns
CS Fall to CLK Rise Time
5
ns
CS Fall to CLK Fall Time
5
ns
DACEN Rise Time to VOUT
0.5
µs
PD Fall Time to VOUT
50
µs
Clock Period
tCLK
25
ns
Clock High Time
tCH
10
ns
Clock Low Time
tCL
10
ns
CONDITIONS
PD = 0, DACEN = 1, digital inputs at 0V or DVDD
VIN = 0V or DVDD
PD = 0, DACEN = 1, digital inputs at 0V or DVDD
PD = 0, DACEN = 0, digital inputs at 0V or DVDD
PD = 1, DACEN = X,digital inputs at 0V
or DVDD (X = don’t care)
Full-Scale Output Current
IFS
0.5
1
1.5
mA
MAX5181 only
DAC External Output Resistor
load
RL
400
Ω
MAX5181 only
REFERENCE
POWER REQUIREMENTS
LOGIC INPUTS AND OUTPUTS
TIMING CHARACTERISTICS


Similar Part No. - MAX5184ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5184 MAXIM-MAX5184 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5184BEEG MAXIM-MAX5184BEEG Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
More results

Similar Description - MAX5184ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
   10 Bit, 40MHz Current -Output DACs
logo
Maxim Integrated Produc...
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
   8-Bit, 40MHz, Current/Voltage-Output DACs
2001
MAX5182 MAXIM-MAX5182 Datasheet
244Kb / 16P
   Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Rev 0; 12/99
MAX5186 MAXIM-MAX5186 Datasheet
257Kb / 15P
   Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Rev 3; 12/01
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5188 MAXIM-MAX5188 Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com