Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4647 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4647
Description  25Ω SPST Analog Switches in SOT23-6
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4647 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX4647 Datasheet HTML 1Page - Maxim Integrated Products MAX4647 Datasheet HTML 2Page - Maxim Integrated Products MAX4647 Datasheet HTML 3Page - Maxim Integrated Products MAX4647 Datasheet HTML 4Page - Maxim Integrated Products MAX4647 Datasheet HTML 5Page - Maxim Integrated Products MAX4647 Datasheet HTML 6Page - Maxim Integrated Products MAX4647 Datasheet HTML 7Page - Maxim Integrated Products MAX4647 Datasheet HTML 8Page - Maxim Integrated Products MAX4647 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Applications Information
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings because stresses beyond the listed rat-
ings can cause permanent damage to the devices.
Always sequence V+ on first, then V-, followed by the
logic inputs, NO, NC, or COM. If power-supply
sequencing is not possible, add two small signal
diodes (D1, D2) in series with supply pins (Figure 1).
Adding diodes reduces the analog signal range to one
diode drop below V+ and one diode drop above V-, but
does not affect the devices’ low switch resistance and
low leakage characteristics. Device operation is
unchanged, and the difference between V+ and V-
should not exceed 44V. These protection diodes are
not recommended when using a single supply.
Off-Isolation at High Frequencies
In 50Ω systems, the high-frequency on-response of
these parts extends from DC to above 300MHz, with a
typical loss of -2dB. When the switch is turned off, how-
ever, it behaves like a capacitor, and off-isolation
decreases with increasing frequency. This effect is
more pronounced with higher source and load imped-
ances. Above 5MHz, circuit board layout becomes criti-
cal. The graphs shown in the Typical Operating
Characteristics were taken using a 50Ω source and
load connected with BNC connectors.
25Ω SPST Analog Switches in SOT23-6
6
_______________________________________________________________________________________
tr < 20ns
tf < 20ns
50%
0
LOGIC
INPUT
V-
V-
RL
300Ω
NO
OR NC
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VO = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN
+3V
tOFF
0
COM
SWITCH
OUTPUT
0.9V0
0.9V0
tON
VO
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
V+
CL
35pF
V+
VO
VCOM
0
REPEAT TEST FOR EACH SWITCH. FOR LOAD
CONDITIONS, SEE Electrical Characteristics.
MAX4647
MAX4648
Figure 2. Switching-Time Test Circuit
V+
COM
D2
D1
V-
NO
Vg
V+
V-
MAX4647
MAX4648
Figure 1. Overvoltage Protection Using External Blocking
Diodes


Similar Part No. - MAX4647

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4647 MAXIM-MAX4647 Datasheet
210Kb / 9P
   25 OHM SPST Analog Switches in SOT23-6
Rev 0; 1/01
MAX4647EUT-T MAXIM-MAX4647EUT-T Datasheet
210Kb / 9P
   25 OHM SPST Analog Switches in SOT23-6
Rev 0; 1/01
More results

Similar Description - MAX4647

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4647 MAXIM-MAX4647 Datasheet
210Kb / 9P
   25 OHM SPST Analog Switches in SOT23-6
Rev 0; 1/01
logo
BOWEI Integrated Circui...
SW601 BOWEI-SW601 Datasheet
346Kb / 1P
   6-SPST Switches
logo
Maxim Integrated Produc...
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4731 MAXIM-MAX4731 Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
logo
Texas Instruments
TS12A4514 TI-TS12A4514_15 Datasheet
683Kb / 18P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
logo
BOWEI Integrated Circui...
HE017 BOWEI-HE017 Datasheet
103Kb / 1P
   GaAs SPST Analog Switches
logo
Texas Instruments
TS12A4514 TI1-TS12A4514_14 Datasheet
717Kb / 19P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com