Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4826ELT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4826ELT
Description  50mA/100mA Current-Limit Switches with NO-LOAD Flag in uDFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4826ELT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4826ELT Datasheet HTML 1Page - Maxim Integrated Products MAX4826ELT Datasheet HTML 2Page - Maxim Integrated Products MAX4826ELT Datasheet HTML 3Page - Maxim Integrated Products MAX4826ELT Datasheet HTML 4Page - Maxim Integrated Products MAX4826ELT Datasheet HTML 5Page - Maxim Integrated Products MAX4826ELT Datasheet HTML 6Page - Maxim Integrated Products MAX4826ELT Datasheet HTML 7Page - Maxim Integrated Products MAX4826ELT Datasheet HTML 8Page - Maxim Integrated Products MAX4826ELT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
50mA/100mA Current-Limit Switches with
NO-LOAD Flag in µDFN
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = +3.3V, TA = +25°C, unless otherwise noted.)
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
0.001
0.01
0.1
1
10
0.0001
VIN = 5V
VIN = 3.3V
60
35
10
-15
-40
85
SHUTDOWN LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
0.001
0.01
0.1
1
10
0.0001
VIN = 5V
VIN = 3.3V
60
35
10
-15
-40
85
SHUTDOWN REVERSE LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
0.001
0.01
0.1
1
10
0.0001
60
35
10
-15
-40
85
VON = VIN = OV
VOUT = 5V
LATCHOFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
0.001
0.01
0.1
1
10
0.0001
VIN = 5V
VIN = 3.3V
60
35
10
-15
-40
85
TEMPERATURE (
°C)
60
35
10
-15
-40
85
NORMALIZED ON-RESISTANCE
vs. TEMPERATURE
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
VON = VIN = 3.3V
0
100
50
200
150
250
300
0
0.6 0.9 1.2
0.3
1.5 1.8 2.1 2.4 2.7 3.0 3.3
OUTPUT CURRENT vs. OUTPUT VOLTAGE
VIN - VOUT (V)
MAX4828/MAX4829
MAX4826/MAX4827/MAX4830/MAX4831
SWITCH TURN-ON/OFF TIMES
vs. TEMPERATURE
TEMPERATURE (
°C)
0.01
0.1
1
10
100
0.001
60
35
10
-15
-40
85
ILOAD = -10mA
ON
OFF
VIN = 3.3V
VIN = 5V
FFLG-BLANKING TIMEOUT
vs. TEMPERATURE
15
20
25
30
35
40
10
TEMPERATURE (
°C)
60
35
10
-15
-40
85


Similar Part No. - MAX4826ELT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4826ELT MAXIM-MAX4826ELT Datasheet
612Kb / 10P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in 關DFN
Rev 0; 5/05
MAX4826ELT+T MAXIM-MAX4826ELT+T Datasheet
1Mb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in 關DFN
2019
More results

Similar Description - MAX4826ELT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4826 MAXIM-MAX4826_V01 Datasheet
1Mb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in 關DFN
2019
MAX4826 MAXIM-MAX4826 Datasheet
612Kb / 10P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in 關DFN
Rev 0; 5/05
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
logo
Fairchild Semiconductor
FPF2024 FAIRCHILD-FPF2024 Datasheet
745Kb / 17P
   Full Functional Load Switch With 100mA Current Limit
logo
Maxim Integrated Produc...
MAX4995A MAXIM-MAX4995A_09 Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995A MAXIM-MAX4995A_10 Datasheet
341Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995A MAXIM-MAX4995A_V01 Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4995A MAXIM-MAX4995A Datasheet
278Kb / 12P
   50mA to 600mA Programmable Current-Limit Switches
Rev 0; 11/08
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com