Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7057ASE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7057ASE
Description  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057ASE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7057ASE Datasheet HTML 1Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 2Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 3Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 4Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 5Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 6Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 7Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 8Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, 50Ω system impedance, tuned for 315MHz to 433.92MHz operation, AVDD = DVDD = PAVDD = +2.1V to
+3.6V, fRF = 300MHz to 450MHz, fCRYSTAL = 16MHz, TA = -40°C to +125°C, unless otherwise noted. Typical values are at AVDD =
DVDD = PAVDD = +2.7V, TA = +25°C, unless otherwise noted. All min and max values are 100% tested at TA = +125°C, and guaran-
teed by design and characterization over temperature, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL CHARACTERISTICS
Frequency Range
300
450
MHz
ENABLE transition low-to-high, frequency
settled to within 50kHz of the desired carrier
120
Power-On Time
tON
ENABLE transition low-to-high, frequency
settled to within 5kHz of the desired carrier
260
μs
Manchester encoded
50
ASK mode
Nonreturn-to-Zero
100
Manchester encoded
50
Maximum Data Rate
FSK mode
Nonreturn-to-Zero
100
kbps
Frequency Switching Time
Time from end of SPI write to frequency
settled to within 5kHz of desired carrier
70
μs
PHASE-LOCKED LOOP (PLL)
VCO Gain
KVCO
320
MHz/V
10kHz offset
-78
fRF = 315MHz
1MHz offset
-98
10kHz offset
-73
PLL Phase Noise
fRF = 433.92MHz
1MHz offset
-98
dBc/Hz
Loop Bandwidth
300
kHz
Reference Frequency Input Level
500
mVP-P
Frequency-Divider Range
19
28
Frequency Deviation (FSK)
±2
±100
kHz
CRYSTAL OSCILLATOR
Crystal Frequency
fXTAL
10.71
16
23.68
MHz
Frequency Pulling by VDD
4
ppm/V
Crystal Load Capacitance
(Note 4)
10
pF
POWER AMPLIFIER (PA)
TA = +25°C (Note 3)
3.8
9.2
16.4
TA = +125°C, AVDD = DVDD = PAVDD =
+2.1V
2.4
5.2
Output Power (Note 1)
POUT
TA = -40°C, AVDD = DVDD = PAVDD =
+3.6V (Note 3)
12.6
17.0
dBm
Modulation Depth
71
dB
fRF = 315MHz
-29
Maximum Carrier Harmonics
With output matching
network
fRF = 433.92MHz
-44
dBc
Reference Spur
-45
dBc


Similar Part No. - MAX7057ASE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7057ASE MAXIM-MAX7057ASE Datasheet
251Kb / 20P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
More results

Similar Description - MAX7057ASE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
MAX7060 MAXIM-MAX7060 Datasheet
2Mb / 30P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 0; 2/10
MAX7060 MAXIM-MAX7060_12 Datasheet
1Mb / 31P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
   300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
MICRF113 MICREL-MICRF113_11 Datasheet
677Kb / 21P
   300MHz to 450MHz 10dBm ASK Transmitter in SOT23
MAQRF112 MICREL-MAQRF112 Datasheet
470Kb / 15P
   Automotive, 300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com