Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13448E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX13448E
Description  80V Fault-Protected Full-Duplex RS-485 Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13448E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX13448E Datasheet HTML 1Page - Maxim Integrated Products MAX13448E Datasheet HTML 2Page - Maxim Integrated Products MAX13448E Datasheet HTML 3Page - Maxim Integrated Products MAX13448E Datasheet HTML 4Page - Maxim Integrated Products MAX13448E Datasheet HTML 5Page - Maxim Integrated Products MAX13448E Datasheet HTML 6Page - Maxim Integrated Products MAX13448E Datasheet HTML 7Page - Maxim Integrated Products MAX13448E Datasheet HTML 8Page - Maxim Integrated Products MAX13448E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
±80V Fault-Protected Full-Duplex
RS-485 Transceiver
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0 to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
RECEIVER
VA, VB = +12V
VCC = GND or
VCC = +3.0V to +5.5V
+125
µA
VA, VB = -7V
-100
µA
Input Current
IA, B
VA, VB = ±80V
-6
+6
mA
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ +12V
-200
-50
mV
Receiver Input Hysteresis
ΔVTH
25
mV
Output High Voltage
VOH
IOH = -1.6mA
VCC -
0.6
V
Output Low Voltage
VOL
IOL = 1mA
0.4
V
Three-State Output Current at
Receiver
IOZR
0
≤ VA, VB ≤ VCC
-1
+1
µA
Receiver Output Short-Circuit
Current
IOSR
0
≤ VRO ≤ VCC
-95
+95
mA
ESD PROTECTION
All Pins
Human Body Model
±2
kV
ESD Protection Level
(A and B, Y and Z)
Human Body Model
±8
kV
CONTROL
Control Input High Voltage
VCIH
DE,
RE
2V
Control Input Low Voltage
VCIL
DE,
RE
0.8
V
Input Current Latch During First
Rising Edge
IIN
DE,
RE
80
µA
PROTECTION SPECIFICATIONS
Overvoltage Protection
A, B, Y, Z
-80
+80
V
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
DRIVER
Driver Differential Propagation
Delay
tDPLH,
tDPHL
RL = 54
Ω, CL = 50pF, Figures 2 and 3
700
1500
ns
Driver Differential Output
Transition Time
tLH, tHL
RL = 54
Ω, CL = 50pF, Figures 2 and 3
250
1200
ns
Differential Driver Output Skew
tDSKEW
RL = 54
Ω, CL = 50pF, tDSKEW = [tDPLH -
tDPHL], Figures 2 and 3
150
200
ns
Maximum Data Rate
fMAX
250
kbps
Driver Enable Time to Output HightDZH
RL = 500
Ω, CL = 50pF, Figure 4
2000
ns
SWITCHING CHARACTERISTICS (VCC = +3.3V ±10%)
(TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.)


Similar Part No. - MAX13448E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX13442EASA MAXIM-MAX13442EASA Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX13443E MAXIM-MAX13443E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
More results

Similar Description - MAX13448E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
logo
Analog Devices
ADM2490E_VA AD-ADM2490E_VA Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
logo
Maxim Integrated Produc...
MAX13181E MAXIM-MAX13181E Datasheet
297Kb / 18P
   5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
Rev 0; 7/07
logo
Texas Instruments
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
logo
Analog Devices
ADM2484E AD-ADM2484E Datasheet
472Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com