Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13448E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX13448E
Description  80V Fault-Protected Full-Duplex RS-485 Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13448E Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX13448E Datasheet HTML 2Page - Maxim Integrated Products MAX13448E Datasheet HTML 3Page - Maxim Integrated Products MAX13448E Datasheet HTML 4Page - Maxim Integrated Products MAX13448E Datasheet HTML 5Page - Maxim Integrated Products MAX13448E Datasheet HTML 6Page - Maxim Integrated Products MAX13448E Datasheet HTML 7Page - Maxim Integrated Products MAX13448E Datasheet HTML 8Page - Maxim Integrated Products MAX13448E Datasheet HTML 9Page - Maxim Integrated Products MAX13448E Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
±80V Fault-Protected Full-Duplex
RS-485 Transceiver
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
4.05
4.10
4.15
4.20
DE = RE = LOW
A - B = HIGH
DI = FLOATING
RECEIVER OUTPUT SOURCE CURRENT
vs. OUTPUT HIGH VOLTAGE
OUTPUT SOURCE CURRENT (mA)
02468
10
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
DE = RE = LOW
A - B = HIGH
+25
°C
+85
°C
-40
°C
RECEIVER OUTPUT SINK CURRENT
vs. OUTPUT LOW VOLTAGE
OUTPUT SINK CURRENT (mA)
02468
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
DE = RE = LOW
B - A = HIGH
+85
°C
+25
°C
-40
°C
RECEIVER OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
3.20
3.21
3.22
3.23
3.24
3.25
DE = RE = LOW
A - B = HIGH
ISOURCE = 1mA
RECEIVER OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
0.040
0.045
0.050
0.055
0.060
0.065
0.070
0.075
DE = RE = LOW
B - A = HIGH
ISINK = 1mA
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs. DIFFERENTIAL OUTPUT CURRENT
DIFFERENTIAL OUTPUT CURRENT (mA)
0
20406080
100
1.0
1.5
2.0
2.5
3.0
3.5
DE = RE = HIGH
DI = HIGH
DRIVER DIFFERENTIAL OUTPUT
VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
-40
-15
10
35
60
85
1.86
1.88
1.90
1.92
1.94
DE = RE = HIGH
DI = HIGH
RLOAD = 54
Ω


Similar Part No. - MAX13448E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX13442EASA MAXIM-MAX13442EASA Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX13443E MAXIM-MAX13443E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
More results

Similar Description - MAX13448E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
logo
Analog Devices
ADM2490E_VA AD-ADM2490E_VA Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
logo
Maxim Integrated Produc...
MAX13181E MAXIM-MAX13181E Datasheet
297Kb / 18P
   5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
Rev 0; 7/07
logo
Texas Instruments
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
logo
Analog Devices
ADM2484E AD-ADM2484E Datasheet
472Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com