Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6692YMUA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6692YMUA
Description  Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6692YMUA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6692YMUA Datasheet HTML 2Page - Maxim Integrated Products MAX6692YMUA Datasheet HTML 3Page - Maxim Integrated Products MAX6692YMUA Datasheet HTML 4Page - Maxim Integrated Products MAX6692YMUA Datasheet HTML 5Page - Maxim Integrated Products MAX6692YMUA Datasheet HTML 6Page - Maxim Integrated Products MAX6692YMUA Datasheet HTML 7Page - Maxim Integrated Products MAX6692YMUA Datasheet HTML 8Page - Maxim Integrated Products MAX6692YMUA Datasheet HTML 9Page - Maxim Integrated Products MAX6692YMUA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
nel. If the remote-diode channel is unused, connect
DXP to DXN rather than leaving the pins open.
The DXN input is biased to one VBE above ground by
an internal diode to prepare the ADC inputs for a differ-
ential measurement. The worst-case DXP-DXN differen-
tial input voltage range is 0.25V to 0.95V. Excess
resistance in series with the remote diode causes
+0.5°C (typ) error per ohm.
A/D Conversion Sequence
A conversion sequence consists of a local temperature
measurement and a remote temperature measurement.
Each time a conversion begins, whether initiated auto-
matically in the free-running autonomous mode (RUN = 0)
or by writing a one-shot command, both channels are
converted, and the results of both measurements are
available after the end of a conversion. A BUSY status bit
in the status byte indicates that the device is performing a
new conversion. The results of the previous conversion
are always available, even if the ADC is busy.
Low-Power Standby Mode
Standby mode reduces the supply current to less than
10µA by disabling the ADC and timing circuitry. Enter
standby mode by setting the RUN bit to 1 in the configu-
ration byte register (Table 6). All data is retained in mem-
ory, and the SMBus interface is active and listening for
SMBus commands. Standby mode is not a shutdown
mode. With activity on the SMBus, the device draws more
supply current (see
Typical Operating Characteristics). In
standby mode, the MAX6648/MAX6692 can be forced to
perform A/D conversions through the one-shot command,
regardless of the RUN bit status.
If a standby command is received while a conversion is
in progress, the conversion cycle is truncated, and the
data from that conversion is not latched into a tempera-
ture register. The previous data is not changed and
remains available.
Supply-current drain during the 125ms conversion peri-
od is 500µA (typ). Slowing down the conversion rate
reduces the average supply current (see
Typical
Operating Characteristics). Between conversions, the
conversion rate timer consumes about 25µA of supply
current. In standby mode, supply current drops to
about 3µA.
SMBus Digital Interface
From a software perspective, the MAX6648/MAX6692
appear as a set of byte-wide registers that contain tem-
perature data, alarm threshold values, and control bits.
A standard SMBus-compatible 2-wire serial interface is
used to read temperature data and write control bits
and alarm threshold data. These devices respond to the
same SMBus slave address for access to all functions.
The MAX6648/MAX6692 employ four standard SMBus
protocols: write byte, read byte, send byte, and receive
byte (Figures 1, 2, and 3). The shorter receive byte proto-
col allows quicker transfers, provided that the correct
data register was previously selected by a read byte
instruction. Use caution when using the shorter protocols
in multimaster systems, as a second master could over-
write the command byte without informing the first master.
Temperature data can be read from the read internal
temperature (00h) and read external temperature (01h)
registers. The temperature data format for these regis-
ters is 7 bits plus 1 bit, indicating the diode fault status
for each channel, with the LSB representing 1°C (Table
1). The MSB is transmitted first.
An additional 3 bits can be read from the read external
extended temperature register (10h), which extends the
data to 10 bits plus sign and the resolution to 0.125°C
per LSB (Table 2). An additional 3 bits can be read
from the read internal extended temperature register
(11h), which extends the data to 10 bits (plus 1 bit indi-
cating the diode fault status) and the resolution to
0.125°C per LSB (Table 2).
When a conversion is complete, the main temperature
register and the extended temperature register are
updated simultaneously. Ensure that no conversions
are completed between reading the main register and
the extended register, so that both registers contain the
result of the same conversion.
To ensure valid extended data, read extended resolu-
tion temperature data using one of the following
approaches:
1) Put the MAX6648/MAX6692 into standby mode by
setting bit 6 of the configuration register to 1. Initiate
a one-shot conversion using command byte 0Fh.
When this conversion is complete, read the contents
of the temperature data registers.
Precision SMBus-Compatible Remote/Local
Temperature Sensors with Overtemperature Alarms
6
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
FRACTIONAL TEMP (°C)
DIGITAL OUTPUT
0.000
000X XXXX
0.125
001X XXXX
0.250
010X XXXX
0.375
011X XXXX
0.500
100X XXXX
0.625
101X XXXX
0.750
110X XXXX
0.875
111X XXXX
Table 2. Extended Resolution Temperature
Register Data Format (10h, 11h)


Similar Part No. - MAX6692YMUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6692 MAXIM-MAX6692 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6692MSA MAXIM-MAX6692MSA Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6692MUA MAXIM-MAX6692MUA Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
More results

Similar Description - MAX6692YMUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
logo
NXP Semiconductors
SA56004X NXP-SA56004X Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com