Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4865LEUT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4865LEUT
Description  Overvoltage Protection Controllers with Reverse Polarity Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4865LEUT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4865LEUT Datasheet HTML 1Page - Maxim Integrated Products MAX4865LEUT Datasheet HTML 2Page - Maxim Integrated Products MAX4865LEUT Datasheet HTML 3Page - Maxim Integrated Products MAX4865LEUT Datasheet HTML 4Page - Maxim Integrated Products MAX4865LEUT Datasheet HTML 5Page - Maxim Integrated Products MAX4865LEUT Datasheet HTML 6Page - Maxim Integrated Products MAX4865LEUT Datasheet HTML 7Page - Maxim Integrated Products MAX4865LEUT Datasheet HTML 8Page - Maxim Integrated Products MAX4865LEUT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Overvoltage Protection Controllers
with Reverse Polarity Protection
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +5V (MAX4864L/MAX4865L/MAX4866L), VIN = +4V (MAX4867), TA = -40°C to +85°C, CGATEN = 500pF, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EN Input Leakage Current
ILKG
EN = GND or +5.5V
1
µA
TIMING
Startup Delay
tSTART
VIN > UVLO to VGATEN > 0.3V, Figure 1
20
50
80
ms
FLAG Blanking Time
tBLANK
VGATEN > 0.3V to VFLAG < 0.3V, Figure 1
20
50
80
ms
GATEN Turn-On Time
tGON
CGATEN = 500pF, VGATEN = 0.3V to +8V
(MAX4864L/MAX4865L/MAX4866L)
VGATEN = 0.3V to +7V (MAX4867), Figure 1
10
ms
GATEN Turn-Off Time
tGOFF
VIN rising at 3V/µs from +5V to +8V
(MAX4864L/MAX4865L/MAX4866L),
or from +4V to +7V (MAX4867)
VGATEN = 0.3V, CGATEN = 500pF, Figure 2
720
µs
FLAG Assertion Delay
tFLAG
VIN rising at 3V/µs from 5V to 8V
(MAX4864L/MAX4865L/MAX4866L),
or from +4V to +7V (MAX4867), VFLAG = 0.3V,
Figure 2
3.5
µs
Initial Overvoltage Fault Delay
tOVP
VIN rising at 3V/µs from 0V to +9V, time from
VIN = 5V to IGATEN = 80% of IPD (GATEN pulldown
current), Figure 3
1.5
µs
Disable Time
tDIS
V
EN = +2.4V, VGATEN = 0.3V, Figure 4
2
µs
Note 1: All parts are 100% tested at +25°C. Electrical limits across the full temperature range are guaranteed by design and correlation.
VGATEN
VEN
+0.3V
+2.4V
tDIS
Figure 4. Disable Timing Diagram
VIN
VUVLO
tGON
tSTART
VGATEN
VFLAG
tBLANK
+0.3V
+8V (+7V)*
*MAX4867
+5V
+0.3V
Figure 1. Startup Timing Diagram
VIN
VOVLO
VGATEN
VFLAG
tFLAG
tGOFF
+0.3V
+0.3V
+5V
Figure 2. Shutdown Timing Diagram
VIN
VOVLO
tOVP
IGATEN
80%
0V
Figure 3. Power-Up Overvoltage Timing Diagram


Similar Part No. - MAX4865LEUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4865LEUT-T MAXIM-MAX4865LEUT-T Datasheet
346Kb / 12P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
More results

Similar Description - MAX4865LEUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
logo
SynQor Worldwide Headqu...
MQME-270-R SYNQOR-MQME-270-R Datasheet
6Mb / 15P
   Reverse polarity protection
logo
Maxim Integrated Produc...
MAX4838 MAXIM-MAX4838 Datasheet
227Kb / 10P
   Overvoltage Protection Controllers with Status FLAG
Rev 0; 10/03
MAX4838A MAXIM-MAX4838A Datasheet
503Kb / 11P
   Overvoltage-Protection Controllers with Status FLAG
Rev 0; 2/06
logo
Texas Instruments
LM74502-Q1 TI-LM74502-Q1_V01 Datasheet
1Mb / 33P
[Old version datasheet]   LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
MAY 2022
LM74502-Q1 TI-LM74502-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
FEBRUARY 2022
logo
Maxim Integrated Produc...
MAX1807 MAXIM-MAX1807 Datasheet
240Kb / 10P
   Micropower Adjustable Overvoltage Protection Controllers
Rev 0; 10/00
MAX4843 MAXIM-MAX4843_V01 Datasheet
198Kb / 10P
   Overvoltage Protection Controllers with Low Standby Current
2009
MAX4843 MAXIM-MAX4843 Datasheet
296Kb / 9P
   Overvoltage Protection Controllers with Low Standby Current
Rev 0; 4/05
logo
Texas Instruments
LM74502 TI-LM74502 Datasheet
2Mb / 29P
[Old version datasheet]   LM74502 Low IQ High Side Switch Controller With Reverse Polarity and Overvoltage Protection
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com