Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9100EUK Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9100EUK
Description  1.0V Micropower SOT23 Comparators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9100EUK Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9100EUK Datasheet HTML 1Page - Maxim Integrated Products MAX9100EUK Datasheet HTML 2Page - Maxim Integrated Products MAX9100EUK Datasheet HTML 3Page - Maxim Integrated Products MAX9100EUK Datasheet HTML 4Page - Maxim Integrated Products MAX9100EUK Datasheet HTML 5Page - Maxim Integrated Products MAX9100EUK Datasheet HTML 6Page - Maxim Integrated Products MAX9100EUK Datasheet HTML 7Page - Maxim Integrated Products MAX9100EUK Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
+1.0V Micropower SOT23 Comparators
_______________________________________________________________________________________
5
2.5
2.0
3.5
3.0
4.0
4.5
02
1
345
PROPAGATION DELAY vs. VCM
VCM (mV)
tpd-
tpd+
PROPAGATION DELAY (tPD+)
OUT
500mV/div
MAX9100 toc11
1
µs/div
IN+
50mV/div
VOD = 50mV
PROPAGATION DELAY (tPD-)
MAX9100 toc12
1
µs/div
IN+
OUT
50mV/div
500mV/div
VOD = 50mV
PROPAGATION DELAY (tPD+)
MAX9100 toc13
1
µs/div
IN+
OUT
50mV/div
2V/div
VOD = 50mV
PROPAGATION DELAY (tpd-)
MAX9100 toc14
1
µs/div
IN+
OUT
50mV/div
2V/div
VOD = 50mV
POWER-UP DELAY
MAX9100 toc15
100ns/div
VCC
OUT
2V/div
2V/div
VIN- = 0V
VIN+ = 100mV
Typical Operating Characteristics (continued)
(VCC = +5V, VCM = 0V, TA = +25
°C, unless otherwise noted.)


Similar Part No. - MAX9100EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9100EUK-T MAXIM-MAX9100EUK-T Datasheet
267Kb / 8P
   1.0V Micropower SOT23 Comparators
Rev 0; 10/00
More results

Similar Description - MAX9100EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9100 MAXIM-MAX9100 Datasheet
267Kb / 8P
   1.0V Micropower SOT23 Comparators
Rev 0; 10/00
MAX4289 MAXIM-MAX4289 Datasheet
280Kb / 9P
   1.0V Micropower, SOT23, Operational Amplifier
Rev 0; 1/02
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
   Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
Texas Instruments
TLC339IPW TI-TLC339IPW Datasheet
991Kb / 30P
[Old version datasheet]   LinCOMS MICROPOWER QUAD COMPARATORS
TLC139 TI-TLC139 Datasheet
258Kb / 17P
[Old version datasheet]   LinCMOSE MICROPOWER QUAD COMPARATORS
logo
STMicroelectronics
TS3V3702 STMICROELECTRONICS-TS3V3702 Datasheet
45Kb / 6P
   3V MICROPOWER DUAL VOLTAGE COMPARATORS
TS3V393 STMICROELECTRONICS-TS3V393 Datasheet
58Kb / 6P
   3V MICROPOWER DUAL VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com