Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3408 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # CPH3408
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3408 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  CPH3408 Datasheet HTML 1Page - Sanyo Semicon Device CPH3408 Datasheet HTML 2Page - Sanyo Semicon Device CPH3408 Datasheet HTML 3Page - Sanyo Semicon Device CPH3408 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPH3408
No.6998-3/4
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0123456789
10
11
12
0.1
23
5
7
1.0
23
5
7
1.0
10
100
7
5
3
2
1000
7
5
3
2
1.0
7
5
3
2
IT03487
0
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
9
10
IT03489
2
3
5
7
10
1.0
2
3
5
7
0.1
2
3
5
7
0.01
2
3
5
23
5 7
1.0
10
23
5 7
0.1
23
5 7
0.01
23
5 7 100
IT03488
IDP=20A
ID=5A
Operation in this
area is limited by RDS(on).
100
µs
100ms
DC
operation
1ms
10ms
<10
µs
VDD=15V
VGS=10V
td(on)
td(off)
t r
tf
IT03485
IT03483
0.1
23
5
7 1.0
0.01
23
5
7
23
5
7 10
0.1
1.0
7
5
3
2
10
7
5
3
2
VDS=10V
75
°C
Ta=
--25
°C
IT03484
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.1
1.0
7
5
3
2
10
7
5
3
2
0.01
7
5
3
2
VGS=0
0
5
10
15
20
25
30
IT03486
10
100
2
7
5
3
1000
2
7
5
3
Ciss
Coss
Crss
f=1MHz
VDS=10V
ID=5A
25
°C
Ta=25
°C
Single pulse
Mounted on a ceramic board(900mm2!0.8mm)
Mounted
on
a
ceramic
board(900mm
2!
0.8mm)
SW Time -- ID
Ciss, Coss, Crss -- VDS
yfs -- ID
IF -- VSD
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
VGS -- Qg
PD -- Ta
A S O
Total Gate Charge, Qg -- nC
Ambient Temperature, Ta --
°C
Drain-to-Source Voltage, VDS -- V


Similar Part No. - CPH3408

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3403 SANYO-CPH3403 Datasheet
110Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3405 SANYO-CPH3405 Datasheet
33Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3406 SANYO-CPH3406 Datasheet
33Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3409 SANYO-CPH3409 Datasheet
31Kb / 4P
   Ultrahigh-Speed Switching Applications
More results

Similar Description - CPH3408

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com