Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6649MUA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6649MUA
Description  145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6649MUA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6649MUA Datasheet HTML 1Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 2Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 3Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 4Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 5Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 6Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 7Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 8Page - Maxim Integrated Products MAX6649MUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
+145°C Precision SMBus-Compatible Remote/
Local Sensors with Overtemperature Alarms
_______________________________________________________________________________________
5
Detailed Description
The MAX6646/MAX6647/MAX6649 are temperature sen-
sors designed to work in conjunction with a microproces-
sor or other intelligence in thermostatic, process-control,
or monitoring applications. Communication with the
MAX6646/MAX6647/MAX6649 occurs through the
SMBus-compatible serial interface and dedicated alert
and overtemperature outputs. ALERT asserts if the mea-
sured local or remote temperature is greater than the
software-programmed ALERT high limit or less than the
ALERT low limit in the MAX6649. ALERT also asserts, in
the MAX6649, if the remote-sensing diode pins are short-
ed or unconnected. The overtemperature alarm, OVERT,
asserts if the software-programmed OVERT limit is
exceeded. OVERT can be connected to fans, a system
shutdown, a clock throttle control, or other thermal-man-
agement circuitry.
The MAX6646/MAX6647/MAX6649 convert temperatures
to digital data either at a programmed rate or in single
conversions. Temperature data is represented as 11 bits,
with the LSB equal to 0.125°C. The “main” temperature
data registers (at addresses 00h and 01h) are 8-bit regis-
ters that represent the data as 8 bits with the full-scale
reading indicating the diode fault status (Table 1). The
remaining 3 bits of temperature data are available in the
“extended” registers at addresses 11h and 10h (Table 2).
ADC and Multiplexer
The averaging ADC integrates over a 60ms period
(each channel, typically), with excellent noise rejection.
The multiplexer automatically steers bias currents
through the remote and local diodes. The ADC and
associated circuitry measure each diode’s forward volt-
age and compute the temperature based on this volt-
age. Both channels are automatically converted once
the conversion process has started, either in free-run-
ning or single-shot mode. If one of the two channels is
not used, the device still performs both measurements,
and the results of the unused channel can be ignored.
If the remote-diode channel is unused, connect DXP to
DXN rather than leaving the inputs open.
Pin Description
PIN
NAME
FUNCTION
1VCC
Supply Voltage Input, 3V to 5.5V. Bypass VCC to GND with a 0.1µF capacitor. A 200
Ω series
resistor is recommended but not required for additional noise filtering.
2
DXP
Combined Remote-Diode Current Source and A/D Positive Input for Remote-Diode Channel. DO
NOT LEAVE DXP FLOATING; connect DXP to DXN if no remote diode is used. Place a 2200pF
capacitor between DXP and DXN for noise filtering.
3DXN
Combined Remote-Diode Current Sink and A/D Negative Input. DXN is internally connected to
ground.
4
OVERT
Overtemperature Alert/Interrupt Output, Open Drain.
OVERT is logic low when the temperature is
above the software-programmed threshold.
5
GND
Ground
6
ALERT
SMBus Alert (Interrupt) Output, Open Drain.
ALERT asserts when temperature exceeds limits
(high or low temperature).
ALERT stays asserted until acknowledged by either reading the status
register or by successfully responding to an alert response address, provided that the fault
condition no longer exists. See the
ALERT Interrupts section.
7
SDA
SMBus Serial-Data Input/Output, Open Drain
8
SCLK
SMBus Serial-Clock Input
TEMP (
°C)
DIGITAL OUTPUT
+145
1001 0001
+130
1000 0010
+128
1000 0000
+25
0001 1001
0
0000 0000
<0
0000 0000
Diode fault
(short or open)
1111 1111
Table 1. Main Temperature Data Register
Format (00h, 01h)


Similar Part No. - MAX6649MUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6649MUA MAXIM-MAX6649MUA Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6649MUA++ MAXIM-MAX6649MUA+ Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
More results

Similar Description - MAX6649MUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642_0910 MAXIM-MAX6642_0910 Datasheet
160Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com