Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5167MCCM Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5167MCCM
Description  32-Channel Sample/Hold Amplifier with Output Clamping Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5167MCCM Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5167MCCM Datasheet HTML 1Page - Maxim Integrated Products MAX5167MCCM Datasheet HTML 2Page - Maxim Integrated Products MAX5167MCCM Datasheet HTML 3Page - Maxim Integrated Products MAX5167MCCM Datasheet HTML 4Page - Maxim Integrated Products MAX5167MCCM Datasheet HTML 5Page - Maxim Integrated Products MAX5167MCCM Datasheet HTML 6Page - Maxim Integrated Products MAX5167MCCM Datasheet HTML 7Page - Maxim Integrated Products MAX5167MCCM Datasheet HTML 8Page - Maxim Integrated Products MAX5167MCCM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX5167 contains 32 sample-and-hold amplifiers
driven by a single multiplexed input. The control logic
addressing the outputs is a simple 5-wire input to the
multiplexer. Additional logic allows two devices to function
as a single 64-channel unit. Clamping diodes on each
output allows clamping between two external
reference voltages. The MAX5167 is available with an
output impedance of 50
Ω, 500Ω, or 1kΩ.
The MAX5167 operates with +10V and -5V supplies,
and a separate +5V digital logic supply. Manufactured
with a proprietary BiCMOS process, it provides high
accuracy, fast acquisition time, low droop rate, and a
low hold step. The MAX5167 has a typical linearity error
of less than 0.01% and can accurately acquire an 8V
step input signal to 0.01% accuracy in 2.5µs within the
+7V to -4V input signal range. Transitions from sample
mode to hold mode result in only a 0.5mV error. While
in hold mode, the output voltage slowly droops at a rate
of 1mV/s.
The MAX5167 is available in a 48-pin TQFP package and
is specified for both the commercial (0°C to +70°C) and
extended-industrial (-40°C to +85°C) temperature ranges.
________________________Applications
Automatic Test Systems (ATE)
Industrial Process Controls
Arbitrary Function Generators
Avionics Equipment
Features
o 32-Channel Sample/Hold
o Output Clamps on Each Channel
o 0.01% Accuracy of Acquired Signal
o 0.01% Linearity Error
o Fast Acquisition Time: 2.5µs
o Low Droop Rate: 1mV/s
o Low Hold Step: 0.25mV
o Wide Output Voltage Range: +7V to -4V
32-Channel Sample/Hold Amplifier
with Output Clamping Diodes
________________________________________________________________ Maxim Integrated Products
1
OUT21
OUT20
OUT19
OUT18
OUT17
OUT16
VDD
OUT15
OUT14
OUT13
OUT12
OUT11
ADDR2
ADDR3
ADDR4
SELECT
S/H
CONFIG
VL
DGND
VSS
AGND
IN
CH
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
TQFP
MAX5167
TOP VIEW
Pin Configuration
19-1675; Rev 0; 4/00
Ordering Information
48 TQFP
PIN-
PACKAGE
TEMP. RANGE
0°C to +70°C
MAX5167LCCM
PART
48 TQFP
0°C to +70°C
MAX5167MCCM
48 TQFP
0°C to +70°C
MAX5167NCCM
48 TQFP
-40°C to +85°C
MAX5167LECM
48 TQFP
-40°C to +85°C
MAX5167MECM
48 TQFP
-40°C to +85°C
MAX5167NECM
50
ROUT (
Ω)
500
1k
50
500
1k
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX5167MCCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX516 MAXIM-MAX516 Datasheet
300Kb / 8P
   Quad Comparator with Programmable Threshold
Rev 1; 8/94
MAX5160 MAXIM-MAX5160 Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
MAX5160 MAXIM-MAX5160 Datasheet
253Kb / 9P
   Low-Power Digital Potentiometers
Rev 2a; 2/01
MAX5160-MAX5161 MAXIM-MAX5160-MAX5161 Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
MAX5160LEUA MAXIM-MAX5160LEUA Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
More results

Similar Description - MAX5167MCCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5166 MAXIM-MAX5166 Datasheet
185Kb / 12P
   32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
Rev 0; 8/99
MAX5165 MAXIM-MAX5165 Datasheet
149Kb / 12P
   32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 7/99
MAX5168 MAXIM-MAX5168 Datasheet
170Kb / 12P
   32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 4/00
logo
Supertex, Inc
HV257 SUTEX-HV257 Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
logo
Supertex, Inc
HV257 SUTEX-HV257_13 Datasheet
1Mb / 15P
   32-Channel High Voltage Sample and Hold Amplifier Array
logo
Analog Devices
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD684 AD-AD684_15 Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com