Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6657MSA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6657MSA
Description  ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6657MSA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6657MSA Datasheet HTML 1Page - Maxim Integrated Products MAX6657MSA Datasheet HTML 2Page - Maxim Integrated Products MAX6657MSA Datasheet HTML 3Page - Maxim Integrated Products MAX6657MSA Datasheet HTML 4Page - Maxim Integrated Products MAX6657MSA Datasheet HTML 5Page - Maxim Integrated Products MAX6657MSA Datasheet HTML 6Page - Maxim Integrated Products MAX6657MSA Datasheet HTML 7Page - Maxim Integrated Products MAX6657MSA Datasheet HTML 8Page - Maxim Integrated Products MAX6657MSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
_______________________________________________________________________________________
3
Note 1: TA = +25°C to +85°C.
Note 2: If both the local and the remote junction are below TA = -20°C, then VCC > 3.15V.
Note 3: For conversion rates of 4Hz or slower, the conversion time doubles.
Note 4: Timing specifications guaranteed by design.
Note 5: The serial interface resets when SMBCLK is low for more than tTIMEOUT.
Note 6: A transition must internally provide at least a hold time to bridge the undefined region (300ns max) of SMBCLK's falling edge.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +5.5V, TA = 0°C to +125°C, unless otherwise specified. Typical values are at VCC = +3.3V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
0.25 conversions/s
40
70
Average Operating Current
2 conversions/s
150
250
µA
Conversion Time
tCONV
From stop bit to conversion completed
(Note 4)
95
125
156
ms
Conversion Timing Error
±25
%
DXP and DXN Leakage Current
In standby mode
100
nA
High level
80
100
120
Remote-Diode Source Current
IRJ
Low level
8
10
12
µA
(
ALERT, OVERT)
VOL = 0.4V
1
Output Low Sink Current
VOL = 0.6V
6
mA
Output High Leakage Current
VOH = 5.5V
1
µA
SMBus-COMPATIBLE INTERFACE (SMBCLK, SMBDATA,
STBY)
Logic Input Low Voltage
VIL
0.8
V
VCC = +3.0V
2.2
Logic Input High Voltage
VIH
VCC = +5.5V
2.4
V
Input Leakage Current
ILEAK
VIN = VGND or VCC
±1
µA
Output Low Sink Current
IOL
VOL = 0.6V
6
mA
Input Capacitance
CIN
5pF
SMBus-COMPATIBLE TIMING (Note 4)
Serial-Clock Frequency
fSCL
(Note 5)
100
kHz
Bus Free Time Between STOP
and START Condition
tBUF
4.7
µs
START Condition Setup Time
4.7
µs
Repeat START Condition Setup
Time
tSU:STA
90% to 90%
50
ns
START Condition Hold Time
tHD:STA
10% of SMBDATA to 90% of SMBCLK
4
µs
STOP Condition Setup Time
tSU:STO
90% of SMBCLK to 90% of SMBDATA
4
µs
Clock Low Period
tLOW
10% to 10%
4.7
µs
Clock High Period
tHIGH
90% to 90%
4
µs
Data Setup Time
tHD:DAT
(Note 6)
0
µs
Receive SCL/SDA Rise Time
tR
1µs
Receive SCL/SDA Fall Time
tF
300
ns
Pulse Width of Spike Suppressed
tSP
050
ns
SMBus Timeout
SMBDATA low period for interface reset
25
37
45
ms
±1°C, SMBus-Compatible Remote/Local Temperature
Sensors with Overtemperature Alarms


Similar Part No. - MAX6657MSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6657MSA MAXIM-MAX6657MSA Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
More results

Similar Description - MAX6657MSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642_0910 MAXIM-MAX6642_0910 Datasheet
160Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com