Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5167NCCM Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5167NCCM
Description  32-Channel Sample/Hold Amplifier with Output Clamping Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5167NCCM Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5167NCCM Datasheet HTML 2Page - Maxim Integrated Products MAX5167NCCM Datasheet HTML 3Page - Maxim Integrated Products MAX5167NCCM Datasheet HTML 4Page - Maxim Integrated Products MAX5167NCCM Datasheet HTML 5Page - Maxim Integrated Products MAX5167NCCM Datasheet HTML 6Page - Maxim Integrated Products MAX5167NCCM Datasheet HTML 7Page - Maxim Integrated Products MAX5167NCCM Datasheet HTML 8Page - Maxim Integrated Products MAX5167NCCM Datasheet HTML 9Page - Maxim Integrated Products MAX5167NCCM Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Detailed Description
Digital Interface
The MAX5167 has three logic control inputs and five
address lines. The address lines are inputs to a demul-
tiplexer that selects one of the 32 outputs in a standard
addressing scheme (Table 1). The analog input is con-
nected to the addressed sample/hold when directed by
the control logic (Table 2).
The three logic control lines determine the state of the
addressed sample/hold. The normal circuit connection
for this device is to hardwire CONFIG and SELECT to
opposing logic voltages. When SELECT and CONFIG
are in opposite states (one high and the other low), the
five address lines select one of the sample/holds. Use
the S/H line to place the selected channel into sample
or hold mode. The other 31 channels will remain in hold
mode.
If an active-high sampling mode is desired, tie S/H and
CONFIG low. In this case, SELECT controls the
addressed channel with a high state putting that chan-
nel into sample mode.
The SELECT and CONFIG pins allow the design of a
virtual 64-channel device using two of the MAX5167s.
See the Applications Information section for more infor-
mation about the 64 output addressing scheme.
Sample/Hold
The MAX5167 contains 32 buffered sample/hold circuits
with internal hold capacitors. Internal hold capacitors
minimize leakage current, dielectric absorption,
feedthrough, and required board space. The value of
the hold capacitor affects acquisition time and droop
rate. Smaller capacitance allows faster acquisition times
but increases the droop rate. Larger values increase
hold acquisition time. The hold capacitor used in the
MAX5167 provides fast 2.5µs (typ) acquisition time while
maintaining a relatively low 1mV/s (typ) droop rate, mak-
ing the sample/hold ideal for high-speed sampling.
Sample Mode
When SELECT and CONFIG are in opposing logic states,
the S/H line controls the mode of operation. Sample mode
is entered when S/H is low. During sample mode, the
selected multiplexer channel connects to IN, allowing the
32-Channel Sample/Hold Amplifier
with Output Clamping Diodes
6
_______________________________________________________________________________________
MAX5167
SW1
CS
SW2
SW30 SW31
ADDR0–ADDR4
S/H
SELECT
CONFIG
IN
OUT0
OUT1
OUT30
OUT31
CH
CL
Figure 1. Functional Diagram


Similar Part No. - MAX5167NCCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX516 MAXIM-MAX516 Datasheet
300Kb / 8P
   Quad Comparator with Programmable Threshold
Rev 1; 8/94
MAX5160 MAXIM-MAX5160 Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
MAX5160 MAXIM-MAX5160 Datasheet
253Kb / 9P
   Low-Power Digital Potentiometers
Rev 2a; 2/01
MAX5160-MAX5161 MAXIM-MAX5160-MAX5161 Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
MAX5160LEUA MAXIM-MAX5160LEUA Datasheet
167Kb / 8P
   Low-Power Digital Potentiometers
More results

Similar Description - MAX5167NCCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5166 MAXIM-MAX5166 Datasheet
185Kb / 12P
   32-Channel Sample/Hold Amplifier with Four Multiplexed Inputs
Rev 0; 8/99
MAX5165 MAXIM-MAX5165 Datasheet
149Kb / 12P
   32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 7/99
MAX5168 MAXIM-MAX5168 Datasheet
170Kb / 12P
   32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 4/00
logo
Supertex, Inc
HV257 SUTEX-HV257 Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
logo
Supertex, Inc
HV257 SUTEX-HV257_13 Datasheet
1Mb / 15P
   32-Channel High Voltage Sample and Hold Amplifier Array
logo
Analog Devices
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD684 AD-AD684_15 Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com