Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4970EWC Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4970EWC
Description  Overvoltage-Protection Controllers with a Low RON Internal FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4970EWC Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4970EWC Datasheet HTML 1Page - Maxim Integrated Products MAX4970EWC Datasheet HTML 2Page - Maxim Integrated Products MAX4970EWC Datasheet HTML 3Page - Maxim Integrated Products MAX4970EWC Datasheet HTML 4Page - Maxim Integrated Products MAX4970EWC Datasheet HTML 5Page - Maxim Integrated Products MAX4970EWC Datasheet HTML 6Page - Maxim Integrated Products MAX4970EWC Datasheet HTML 7Page - Maxim Integrated Products MAX4970EWC Datasheet HTML 8Page - Maxim Integrated Products MAX4970EWC Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX4970/MAX4971/MAX4972 family of overvolt-
age protection devices features a low 40mΩ (typ) RON
internal FET and protect low-voltage systems against
voltage faults up to +28V. These devices also drive an
optional external pFET to protect against reverse-polari-
ty input voltages. When the input voltage exceeds the
overvoltage threshold, the internal FET is turned off to
prevent damage to the protected components.
All switches feature a 2.3A (min) current-limit protec-
tion. During a short-circuit occurrence, the device oper-
ates in an autoretry mode where the internal MOSFET is
turned on to check if the fault has been removed. The
autoretry interval time is 15ms, and if the fault is
removed, the MOSFET remains on.
The MAX4970/MAX4971/MAX4972 feature an enable
input (
EN) that controls the operation of the internal
nFET as well as the optional external pFET. The use of
EN allows the external pFET to block reverse voltages
independent of any signal present at the output.
The overvoltage thresholds (OVLO) are preset to
4.65V (MAX4972), 5.8V (MAX4970), or 6.35V (MAX4971).
The undervoltage thresholds (UVLO) are preset to 2.45V.
When the input voltage drops below the UVLO, the
devices enter a low-current standby mode.
All devices are offered in a small 12-bump, WLP pack-
age and operate over the -40°C to +85°C extended
temperature range.
Applications
Cell Phones
Digital Still Cameras
PDAs and Palmtop Devices
MP3 Players
Features
♦ Input Voltage Protection up to +28V
♦ Integrated nFET Switch
♦ Reverse Voltage Protection with External pFET
♦ Enable Input
♦ Preset Overvoltage Protection Trip Level
5.8V (MAX4970)
6.35V (MAX4971)
4.65V (MAX4972)
♦ Low-Current Undervoltage-Lockout Mode
♦ Short-Circuit Protection (Autoretry)
♦ Internal 15ms Startup Delay and Retry Times
♦ Input-Voltage Power-Good Logic Output
♦ Thermal-Shutdown Protection
♦ 2mm x 1.5mm, 12-Bump WLP Package
Overvoltage-Protection Controllers
with a Low RON Internal FET
________________________________________________________________
Maxim Integrated Products
1
Ordering Information/Selector Guide
19-4139; Rev 1; 8/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Note: All devices are specified over the -40°C to +85°C operating temperature range.
+
Denotes a lead-free/RoHS-compliant package.
T
= Tape-and-reel package.
Typical Operating Circuit appears at end of data sheet.
PART
PIN-PACKAGE
TOP MARK
PACKAGE CODE
UVLO (V)
OVLO (V)
ACOK ACTION
MAX4970EWC+T
12 WLP
AAA
W121A2+1
2.45
5.8
UVLO only
MAX4971EWC+T
12 WLP
AAB
W121A2+1
2.45
6.35
UVLO only
MAX4972EWC+T
12 WLP
AAC
W121A2+1
2.45
4.65
UVLO and OVLO
Pin Configuration
TOP VIEW (BUMPS ON BOTTOM)
MAX4970/MAX4971/MAX4972
OUT
OUT
OUT
OUT
GP
IN
IN
GND
IN
IN
123
4
A
B
C
WLP
EN
ACOK


Similar Part No. - MAX4970EWC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX497 MAXIM-MAX497 Datasheet
219Kb / 12P
   375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
Rev 1; 12/98
MAX4978 MAXIM-MAX4978 Datasheet
165Kb / 10P
   Overvoltage Protector with Active Current Limit
Rev 0; 5/08
MAX4978ETA MAXIM-MAX4978ETA Datasheet
165Kb / 10P
   Overvoltage Protector with Active Current Limit
Rev 0; 5/08
MAX4979ETA MAXIM-MAX4979ETA Datasheet
165Kb / 10P
   Overvoltage Protector with Active Current Limit
Rev 0; 5/08
MAX497C/D MAXIM-MAX497C/D Datasheet
219Kb / 12P
   375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
Rev 1; 12/98
More results

Similar Description - MAX4970EWC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP349 ONSEMI-NCP349 Datasheet
465Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
March, 2009 ??Rev. 0
NCP349MNTBG ONSEMI-NCP349MNTBG Datasheet
314Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP349MNBKTBG ONSEMI-NCP349MNBKTBG Datasheet
306Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP347 ONSEMI-NCP347 Datasheet
305Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
September, 2007 - Rev. 0
NCP348AEMTTBG ONSEMI-NCP348AEMTTBG Datasheet
488Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
May, 2010 ??Rev. 6
logo
Maxim Integrated Produc...
MAX4843 MAXIM-MAX4843_V01 Datasheet
198Kb / 10P
   Overvoltage Protection Controllers with Low Standby Current
2009
MAX4843 MAXIM-MAX4843 Datasheet
296Kb / 9P
   Overvoltage Protection Controllers with Low Standby Current
Rev 0; 4/05
logo
ON Semiconductor
NCP372 ONSEMI-NCP372 Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com