Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7368EUE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7368EUE
Description  4-Channel I2C Switches/Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7368EUE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7368EUE Datasheet HTML 1Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 2Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 3Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 4Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 5Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 6Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 7Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 8Page - Maxim Integrated Products MAX7368EUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
4-Channel I2C Switches/Multiplexer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS (3.3V SUPPLY)
(VDD = 2.3V to 3.6V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = 3.3V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +6.0V
All Other Pins to GND............................................-0.3V to +6.0V
Input Currents
VDD ...............................................................................100mA
GND ..............................................................................100mA
All Input Pins.................................................................±20mA
Output Current ....................................................................25mA
Continuous Power Dissipation (TA = +70°C)
20-Pin TSSOP (derate 11.0mW/°C
above TA = +70°C) .................................................. 879.1mW
16-Pin TSSOP (derate 9.4mW/°C
above TA = +70°C) .................................................. 754.7mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VDD
2.3
3.6
V
Standby Current
ISTB
No load, all inputs = VDD or GND, VDD = 3.6V,
all channels disabled
0.1
1
µA
Supply Current
IDD
No load, all inputs = VDD or GND,
fSCL = 100kHz, VDD = 3.6V,
all channels disabled
630
µA
Power-On-Reset (POR)
Voltage
VPOR
VDD rising
1.4
2.1
V
Power-On-Reset Hysteresis
VHYST
0.4
V
INPUT SCL, INPUT/OUTPUT SDA
Low-Level Input Voltage
VIL
(Note 2)
-0.2
+0.3 x
VDD
V
High-Level Input Voltage
VIH
0.7 x
VDD
5.5
V
VOL = 0.4V
3
30
Low-Level Output Current
IOL
VOL = 0.6V
6
50
mA
Input Leakage Current
IL
-1
+1
µA
Input Capacitance
CI
All inputs = GND
15
pF
SELECT INPUTS A2, A1, A0,
INT0–INT3, RESET
Low-Level Input Voltage
VIL
(Note 2)
-0.2
+0.3 x
VDD
V
High-Level Input Voltage
VIH
0.7 x
VDD
5.5
V
Input Leakage Current
IL
-1
+1
µA
Input Capacitance
CI
All inputs = GND
5
pF


Similar Part No. - MAX7368EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7368EUE++ MAXIM-MAX7368EUE+ Datasheet
153Kb / 19P
   4-Channel I2C Switches/Multiplexer
Rev 2; 2/09
More results

Similar Description - MAX7368EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7367 MAXIM-MAX7367 Datasheet
153Kb / 19P
   4-Channel I2C Switches/Multiplexer
Rev 2; 2/09
logo
Pericom Semiconductor C...
PI4MSD5V9544A PERICOM-PI4MSD5V9544A Datasheet
513Kb / 12P
   4 Channel I2C bus Multiplexer
logo
NXP Semiconductors
PCA9544 PHILIPS-PCA9544 Datasheet
77Kb / 12P
   4-channel I2C multiplexer and interrupt controller
1999 Oct 07
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
   2-channel I2C multiplexer
2004 Sep 29
PCA9540 PHILIPS-PCA9540 Datasheet
110Kb / 10P
   2-channel I2C multiplexer
1999 Dec 15
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
   2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
logo
Pericom Semiconductor C...
PI4MSD5V9547 PERICOM-PI4MSD5V9547 Datasheet
628Kb / 13P
   8 Channel I2C bus multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com