Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3414 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # CPH3414
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3414 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  CPH3414 Datasheet HTML 1Page - Sanyo Semicon Device CPH3414 Datasheet HTML 2Page - Sanyo Semicon Device CPH3414 Datasheet HTML 3Page - Sanyo Semicon Device CPH3414 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPH3414
No.6862-3/4
0
0
20
40
60
80
100
120
1.0
0.8
0.6
0.4
0.2
1.2
140
160
Mounted
on
a
ceramic
board(900mm
2
!
0.8mm)
7
0.1
35
7
1.0
23
5
7
23
5
0.1
1.0
2
3
5
7
0.01
2
3
5
7
10
2
3
5
7
0
5
10
15
20
25
30
1.0
2
7
5
3
10
7
5
3
2
100
0.01
7
5
3
2
0.1
7
5
3
2
1.0
7
5
3
2
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
2
4
6
8
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
10
VDS=10V
ID=2.2A
IT02706
IT02708
IT02707
10
1000
100
7
5
3
2
7
5
3
2
f=1MHz
Ciss
Coss
Crss
IT02705
td(off)
IT02704
td(on)
tr
VDD=15V
VGS=10V
IT02702
0.1
0.01
0.1
23
5
7
1.0
10
23
5
7
7
23
5
10
1.0
7
5
3
2
7
5
3
2
VDS=10V
75
°C
Ta=
--25
°C
IT02703
VGS=0
0.1
23
5
7 1.0
23
5
7 10
23
5
100
µs
Operation in
this area is
limited by RDS(on).
ID=2.2A
DC
operation
IDP=8.8A
25
°C
1ms
10ms
100ms
Total Gate Charge, Qg -- nC
VGS -- Qg
Amibient Tamperature, Ta --
°C
PD -- Ta
A S O
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
SW Time -- ID
Drain Current, ID -- A
yfs -- ID
Diode Forward Voltage, VSD -- V
IF -- VSD
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm
2!0.8mm)


Similar Part No. - CPH3414

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3410 SANYO-CPH3410 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3413 SANYO-CPH3413 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3417 SANYO-CPH3417 Datasheet
30Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3418 SANYO-CPH3418 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
More results

Similar Description - CPH3414

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com