Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF01CSA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # REF01CSA
Description  5V, 10V Precision Voltage References
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REF01CSA Datasheet(HTML) 5 Page - Maxim Integrated Products

  REF01CSA Datasheet HTML 1Page - Maxim Integrated Products REF01CSA Datasheet HTML 2Page - Maxim Integrated Products REF01CSA Datasheet HTML 3Page - Maxim Integrated Products REF01CSA Datasheet HTML 4Page - Maxim Integrated Products REF01CSA Datasheet HTML 5Page - Maxim Integrated Products REF01CSA Datasheet HTML 6Page - Maxim Integrated Products REF01CSA Datasheet HTML 7Page - Maxim Integrated Products REF01CSA Datasheet HTML 8Page - Maxim Integrated Products REF01CSA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
+5V, +10V Precision
Voltage References
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—REF02E/REF02H (continued)
(VIN = +15V, 0°C
≤ TA ≤ +70°C for REF02E and REF02H, IL = 0mA, unless otherwise noted.)
REF02E
REF02H
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Temperature Voltage Output
Temperature Coefficient
TCVT
(Note 7)
2.1
2.1
mV/°C
ELECTRICAL CHARACTERISTICS—REF02C
(VIN = +15V, TA = +25°C, unless otherwise noted.)
REF02C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VO
IL = 0mA
4.950
5.000
5.050
V
Output Adjustment Range
∆Vtrim
RP = 10kΩ
±2.7
±6.0
%
Output Voltage Noise
enP-P
0.1Hz to 10Hz (Note 5)
12
18
µVP-P
Line Regulation
VIN = 8V to 30V (Note 6)
0.009
0.015
%/V
IL = 0 to 8mA
0.006
0.015
Load Regulation (Note 6)
IL = 0 to 4mA
%/mA
Turn-On Settling Time
tON
To ±0.1% of final value
230
µs
Quiescent Supply Current
ISY
No load
1.0
1.6
mA
Load Current
IL
To specified output voltage tolerance
8
21
mA
Sink Current
IS
To specified output voltage tolerance
0.2
0.5
mA
Short-Circuit Current
ISC
VO = 0V
30
mA
Temperature Voltage Output
VT
(Note 7)
630
mV
ELECTRICAL CHARACTERISTICS—REF02C
(VIN = +15V, TA = TMIN to TMAX, IL = 0mA, unless otherwise noted.)
REF02C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Change with
Temperature
∆VOT
(Note 8)
0.14
0.45
%
Output Voltage Temperature
Coefficient
TCVO
(Note 9)
20
65
ppm/°C
Change in VO Temperature
Coefficient with Output
Adjustment
RP = 10kΩ
0.7
ppm/%
Line Regulation
VIN = 8V to 30V (Note 6)
0.011
0.018
%/V
Load Regulation
IL = 0 to 5mA (Note 6)
0.008
0.018
%/mA
Temperature Voltage Output
Temperature Coefficient
TCVT
(Note 7)
2.1
mV/°C


Similar Part No. - REF01CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
REF01CSA MAXIM-REF01CSA Datasheet
251Kb / 8P
   5V, 10V Precision Voltage References
More results

Similar Description - REF01CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01 Datasheet
251Kb / 8P
   5V, 10V Precision Voltage References
REF01HSA-T MAXIM-REF01HSA-T Datasheet
108Kb / 9P
   5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Analog Devices
ADREF02 AD-ADREF02 Datasheet
734Kb / 6P
   10V 5V References
logo
Maxim Integrated Produc...
MAX676 MAXIM-MAX676 Datasheet
774Kb / 12P
   CALIBRATED, LOW-DRIFT, 4,096V/5V/10V PRECISION VOLTAGE REFERENCES
Rev 1; 11/94
MAX873 MAXIM-MAX873_07 Datasheet
384Kb / 12P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
MAX873 MAXIM-MAX873 Datasheet
298Kb / 8P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX6225 MAXIM-MAX6225 Datasheet
181Kb / 12P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
   Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com