Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4811N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW4811N
Description  Power management for multimedia processors
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW4811N Datasheet HTML 3Page - STMicroelectronics STW4811N Datasheet HTML 4Page - STMicroelectronics STW4811N Datasheet HTML 5Page - STMicroelectronics STW4811N Datasheet HTML 6Page - STMicroelectronics STW4811N Datasheet HTML 7Page - STMicroelectronics STW4811N Datasheet HTML 8Page - STMicroelectronics STW4811N Datasheet HTML 9Page - STMicroelectronics STW4811N Datasheet HTML 10Page - STMicroelectronics STW4811N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
STw4811M/STw4811N
Overview
CD00131784
7/85
1
Overview
The STw4811 power management device has the following features:
Power management module
1 step-down converter for processor core (1 V to 1.45 V with 15 steps at 700 mA)
1 step-down converter (1.8 V at 600 mA) for general purpose usage such as
processor input/output supply, external memory, DDR and SDRAM and
peripherals
1 low-drop output regulator for analog supplies, such as PLL (1.05 V, 1.2 V, 1.3 V,
1.8 V at 10 mA)
1 low-drop output regulator for processor analog functions (2.5 V at 10 mA)
1 low-drop output regulator for auxiliary devices (1.5 V, 1.8 V, 2.5 V, 2.8 V at
150 mA)
Auxiliary device
STw4811M: Vaux OFF at start up
STw4811N: Vaux ON at start up
USB OTG module
Full and low speed USB OTG transceiver
1 linear regulator 3.1 V supplying transceiver
1 charge-pump (5 V at 100 mA) supplying VBUS line of the USB cable
Mass memory cards (SD/MMC/SDIO)
1 linear regulator (1.8 V, 1.85 V, 2.6 V, 2.7 V, 2.85 V, 3 V, 3.3 V at 150 mA)
Level shifters
Miscellaneous
32 kHz control for multimedia processor
Processor supply monitoring
Processor reset control
2 serial I2C interfaces


Similar Part No. - STW4811N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW4811NBHD/LF STMICROELECTRONICS-STW4811NBHD/LF Datasheet
1Mb / 86P
   Power management for multimedia processors
STW4811NBHDT/LF STMICROELECTRONICS-STW4811NBHDT/LF Datasheet
1Mb / 86P
   Power management for multimedia processors
STW4811NBRA/LF STMICROELECTRONICS-STW4811NBRA/LF Datasheet
1Mb / 86P
   Power management for multimedia processors
STW4811NBRAT/LF STMICROELECTRONICS-STW4811NBRAT/LF Datasheet
1Mb / 86P
   Power management for multimedia processors
More results

Similar Description - STW4811N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW4810 STMICROELECTRONICS-STW4810 Datasheet
847Kb / 72P
   Power Management for Multimedia Processors
STW4810_0709 STMICROELECTRONICS-STW4810_0709 Datasheet
979Kb / 79P
   Power management for multimedia processors
STW4811M STMICROELECTRONICS-STW4811M Datasheet
1Mb / 86P
   Power management for multimedia processors
STW4810 STMICROELECTRONICS-STW4810_07 Datasheet
940Kb / 78P
   Power management for multimedia processors
logo
National Semiconductor ...
LP8725 NSC-LP8725 Datasheet
537Kb / 6P
   Power Management Unit for Application/Multimedia Processors and Sub-Systems
logo
Texas Instruments
LP8725 TI1-LP8725 Datasheet
1Mb / 46P
[Old version datasheet]   LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
logo
Freescale Semiconductor...
MCIMX31 FREESCALE-MCIMX31_07 Datasheet
1Mb / 108P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31_08 Datasheet
1Mb / 122P
   Multimedia Applications Processors
logo
Linear Technology
LTC3676 LINER-LTC3676 Datasheet
517Kb / 38P
   Power Management Solution for Application Processors
logo
Freescale Semiconductor...
MCIMX31 FREESCALE-MCIMX31_09 Datasheet
2Mb / 118P
   Multimedia Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com