Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3100 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN3100
Description  Single 2A High-Speed, Low-Side Gate Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3100 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN3100_09 Datasheet HTML 2Page - Fairchild Semiconductor FAN3100_09 Datasheet HTML 3Page - Fairchild Semiconductor FAN3100_09 Datasheet HTML 4Page - Fairchild Semiconductor FAN3100_09 Datasheet HTML 5Page - Fairchild Semiconductor FAN3100_09 Datasheet HTML 6Page - Fairchild Semiconductor FAN3100_09 Datasheet HTML 7Page - Fairchild Semiconductor FAN3100_09 Datasheet HTML 8Page - Fairchild Semiconductor FAN3100_09 Datasheet HTML 9Page - Fairchild Semiconductor FAN3100_09 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3100 • Rev. 1.0.2
6
Electrical Characteristics
Unless otherwise noted, VDD = 12V, TJ = -40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply
VDD
Operating Range
4.5
18.0
V
FAN3100C
(8)
0.20
0.35
mA
IDD
Supply Current
Inputs/EN Not Connected
FAN3100T
0.5
0.8
mA
VON
Turn-On Voltage
3.5
3.9
4.3
V
VOFF
Turn-Off Voltage
3.3
3.7
4.1
V
Inputs (FAN3100T)
VINL_T
IN+, IN- Logic Low Voltage, Maximum
0.8
V
VINH_T
IN+, IN- Logic High Voltage, Minimum
2.0
V
IIN+
Non-inverting Input
IN from 0 to VDD
-1
175
µA
IIN-
Inverting Input
IN from 0 to VDD
-175
1
µA
VHYS
IN+, IN- Logic Hysteresis Voltage
0.2
0.4
0.8
V
Inputs (FAN3100C)
VINL_C
IN+, IN- Logic Low Voltage
30
%VDD
VINH_C
IN+, IN- Logic High Voltage
70
%VDD
IINL
IN Current, Low
IN from 0 to VDD
-1
175
µA
IINH
IN Current, High
IN from 0 to VDD
-175
1
µA
VHYS_C
IN+, IN- Logic Hysteresis Voltage
17
%VDD
Output
ISINK
OUT Current, Mid-Voltage, Sinking
(9)
OUT at VDD/2,
CLOAD = 0.1µF, f = 1kHz
2.5
A
ISOURCE
OUT Current, Mid-Voltage, Sourcing
(9)
OUT at VDD/2,
CLOAD = 0.1µF, f = 1kHz
-1.8
A
IPK_SINK
OUT Current, Peak, Sinking
(9)
CLOAD = 0.1µF, f = 1kHz
3
A
IPK_SOURCE
OUT Current, Peak, Sourcing
(9)
CLOAD = 0.1µF, f = 1kHz
-3
A
tRISE
Output Rise Time
(10)
CLOAD = 1000pF
13
20
ns
tFALL
Output Fall Time
(10)
CLOAD = 1000pF
9
14
ns
tD1, tD2
Output Prop. Delay, CMOS Inputs
(10)
0 - 12VIN; 1V/ns Slew Rate
7
15
28
ns
tD1, tD2
Output Prop. Delay, TTL Inputs
(10)
0 - 5VIN; 1V/ns Slew Rate
9
16
30
ns
IRVS
Output Reverse Current Withstand
(9)
500
mA
Note:
8.
Lower supply current due to inactive TTL circuitry.
9.
Not tested in production.
10. See Timing Diagrams of Figure 7 and Figure 8.


Similar Part No. - FAN3100_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
More results

Similar Description - FAN3100_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_11 Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3181 ONSEMI-FAN3181 Datasheet
984Kb / 21P
   Single 2A High-Speed, Low-Side IGBT Driver
December 2016- Rev. 1.0
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com