Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3100TMPX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN3100TMPX
Description  Single 2A High-Speed, Low-Side Gate Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3100TMPX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN3100TMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN3100TMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3100 • Rev. 1.0.2
3
Pin Definitions
SOT23
Pin #
MLP
Pin #
Name
Pin Description
1
3
VDD
Supply Voltage. Provides power to the IC.
2
AGND
Analog ground for input signals (MLP only). Connect to PGND underneath the IC.
2
GND
Ground (SOT-23 only). Common ground reference for input and output circuits.
3
1
IN+
Non-Inverting Input. Connect to VDD to enable output.
4
6
IN
-
Inverting Input. Connect to AGND or PGND to enable output.
5
4
OUT
Gate Drive Output: Held low unless required inputs are present and VDD is above
UVLO threshold.
Pad
P1
Thermal Pad (MLP only). Exposed metal on the bottom of the package which is
electrically connected to pin 5.
5
PGND
Power Ground (MLP only). For output drive circuit; separates switching noise from
inputs.
Output Logic
IN+
IN−
OUT
0
(7)
0
0
0
(7)
1
(7)
0
1
0
1
1
1
(7)
0
Note:
7.
Default input signal if no external connection is made.


Similar Part No. - FAN3100TMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100TMPX FAIRCHILD-FAN3100TMPX Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100TMPX FAIRCHILD-FAN3100TMPX Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100TMPX FAIRCHILD-FAN3100TMPX Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3100TMPX ONSEMI-FAN3100TMPX Datasheet
1Mb / 21P
   Single 2 A High-Speed, Low-Side Gate Driver
December-2017, Rev . 2
More results

Similar Description - FAN3100TMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_11 Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3181 ONSEMI-FAN3181 Datasheet
984Kb / 21P
   Single 2A High-Speed, Low-Side IGBT Driver
December 2016- Rev. 1.0
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com