Electronic Components Datasheet Search |
|
FAN3225TMPX Datasheet(PDF) 6 Page - Fairchild Semiconductor |
|
FAN3225TMPX Datasheet(HTML) 6 Page - Fairchild Semiconductor |
6 / 25 page © 2007 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN3223 / FAN3224 / FAN3225 • Rev. 1.0.5 6 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Symbol Parameter Min. Max. Unit VDD VDD to PGND -0.3 20.0 V VEN ENA and ENB to GND GND - 0.3 VDD + 0.3 V VIN INA, INA+, INA–, INB, INB+ and INB– to GND GND - 0.3 VDD + 0.3 V VOUT OUTA and OUTB to GND GND - 0.3 VDD + 0.3 V TL Lead Soldering Temperature (10 Seconds) +260 ºC TJ Junction Temperature -55 +150 ºC TSTG Storage Temperature -65 +150 ºC ESD Electrostatic Discharge Protection Level Human Body Model, JEDEC JESD22-A114 4 kV Charged Device Model, JEDEC JESD22-C101 1 kV Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings. Symbol Parameter Min. Max. Unit VDD Supply Voltage Range 4.5 18.0 V VEN Enable Voltage ENA and ENB 0 VDD V VIN Input Voltage INA, INA+, INA–, INB, INB+ and INB– 0 VDD V TA Operating Ambient Temperature -40 +125 ºC |
Similar Part No. - FAN3225TMPX |
|
Similar Description - FAN3225TMPX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |